Electronic Components Datasheet Search
  English  ▼

X  

2SA2071 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA2071
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA2071 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA2071 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA2071 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA2071 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.kexin.com.cn
SMD Type
SMD Type
Transistors
2
Typical Characteristics
−0.1
−1
−10
−100
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Safe Operating Area
−0.001
−0.01
−0.1
−1
−10
100ms
10ms
1ms
100us
DC
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.2 Switching Time
10
100
1000
Ta
=25°C
VCC
= −25V
IC/IB
=10/1
Tstg
Tf
Ton
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.3 DC Current Gain vs.
Collector Current (
Ι)
1
10
100
1000
VCE
= −2V
Ta
=25°C
Ta
= −40°C
Ta
=125°C
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.4 DC Current Gain vs.
Collector Current (
ΙΙ)
1
10
100
1000
Ta
=25°C
VCE
= −5V
VCE
= −3V
VCE
= −2V
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.5 Collector-Emitter Saturation
Voltage vs.
Collector Current (
Ι)
−0.01
−0.1
−1
−10
Ta
=25°C
Ta
= −40°C
Ta
=125°C
IC/IB
=10/1
IC/IB
=10/1
Ta
=25°C
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.6 Collector-Emitter Saturation
Voltage vs.
Collector Current (
ΙΙ)
−0.01
−0.1
−1
−10
IC/IB
=20/1
2SA2071



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com