Electronic Components Datasheet Search
  English  ▼

X  

RWM600 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RWM600
Description  ISO/IEC 15693 READER MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RWM600 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RWM600 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RWM600
TM
ISO/IEC 15693 Reader Module
Introduction:
RWM600 is an ISO15693 reader module which
works with smart labels, the reader module has a
read/write feature, depend on the size of antenna,
the optimum read distance can be up to 200mm.
RWM600 read transponders with an operating
frequency of 13.56Mhz (e.g. I-CODE SLI/SL2,
Tag-It HF-I …etc.), and it is a small size module
with DIP28 pin package.
RWM600 is a best choice for system integrator to
install into other devices, such as printers, terminals
and handheld devices.
Features:
ISO/IEC 15693 compatible
Small Reader module (DIP28)
Support all ISO/IEC 15693 compliant smart
labels (Tag-It HF-I, I-CODE, SL1/SL2, LRI512,
my-d vicinity…etc)
Max 32 UID stocks for Anti-Collision (Default
32)
Operate time <24ms per one label
Reading distance up to 200mm (0.2W) with an
ideal design antenna conditions
10 Programmable I/O, IRQ, D/O for OEM
In-System Programmable firmware for OEM
Applications:
EPC (Electronic Product Code) supply Chain
EPC for retail system
Logistics system
Express Parcel Management
Product Authentication
Access control / Time recorder
Ticketing
Smart label printer and encoder
Specifications:
Power Requirements
5 VDC
Stanby:70mA, Transmit:<80mA
※ A linear regulator is recommended
Interface
RS232, UART, TTL:19200,n,8,1
Card type
Tag-It HF-I, I-CODE, SL1/SL2, LRI512,
my-d vicinity…etc
Maximum reading distance
Up to 200 mm with an ideal antenna
conditions
(0.2 Watt output)
Frequency
13.56 MHz standard
RF Modulation/Subcarrier
100% FM
RF Protocol
ISO/IEC15693
(1 out of 4)
Operate time
<24ms per one label
Dimensions
39 (L) x 21 (W) x 11.6(D) mm
Environment
Operating temperature -10 ~ +60°C
Operating relative humidity 10~90%
-10
Order information:
RWM600: RWM600 Reader module
RWM600SK: Smart Development Kit included RWM600 +
RS232 cable + SDK CD + Tag-It HF-I x 3 pcs
※ Specification is subject to change without notice.
We welcome OEM inquiries
♦ Custom design manufacturing is available
♦ Custom device programming is available
♦ Call factory for other configuration
8F.,NO.31, LANE 169, KANG-NING
STREET,HSI-CHIH,TAIPEI,TAIWAN
TEL: 886-2-26954214
FAX: 886-2-26954213
e-mail: promag@ms24.hinet.net
gigatms@ms3.hinet.net
http://www.gigatms.com.tw


Similar Part No. - RWM600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWM VISHAY-RWM Datasheet
80Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
15-Apr-14
logo
GOOD SKY ELECTRIC CO., ...
RWM GOODSKY-RWM Datasheet
350Kb / 2P
Relay
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
logo
RFHIC
RWM03060-10 RFHIC-RWM03060-10 Datasheet
760Kb / 8P
Wideband Power Amplifier
RWM03125-10 RFHIC-RWM03125-10 Datasheet
206Kb / 8P
Wideband Power Amplifier
More results

Similar Description - RWM600

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
STMicroelectronics
AN3163 STMICROELECTRONICS-AN3163 Datasheet
232Kb / 13P
Configuring your ISO 15693 reader
24-Oct-2012
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
logo
AMIC Technology
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
13.56MHz ISO-14443A Reader Module
logo
Omron Electronics LLC
V680 OMRON-V680 Datasheet
16Mb / 59P
RFID Systems with ISO/IEC 18000-3(15693) Compliance
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
ISO 15693-Compliant Secure Memory
Rev 1; 1/11
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com