Electronic Components Datasheet Search
  English  ▼

X  

MSM9836 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM9836
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9836 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM9836 Datasheet HTML 8Page - OKI electronic componets MSM9836 Datasheet HTML 9Page - OKI electronic componets MSM9836 Datasheet HTML 10Page - OKI electronic componets MSM9836 Datasheet HTML 11Page - OKI electronic componets MSM9836 Datasheet HTML 12Page - OKI electronic componets MSM9836 Datasheet HTML 13Page - OKI electronic componets MSM9836 Datasheet HTML 14Page - OKI electronic componets MSM9836 Datasheet HTML 15Page - OKI electronic componets MSM9836 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12/23
MSM9836-xxx
¡ Semiconductor
3. Playback Method
This IC provides two kinds of playback methods, non-linear PCM algorithm and straight PCM
algorithm. When the 8-bit non-linear PCM algorithm is selected, sound quality can be improved
because a resolution equivalent to 10-bit straight PCM is available around the waveform center.
You can select either non-linear PCM algorithm or straight PCM algorithm for each phrase. Table
3.1 shows the relationship between playback methods and applicable sounds. It is recom-
mended to evaluate the sound quality before actual use.
Table 3.1 Relationship between playback methods and applicable sounds
The playback time is obtained by dividing the memory capacity by the bit rate.
The playback time for 8-bit PCM algorithm is obrained by using the following equation.
Memory capacity [bit]
Bit rate [bps]
Memory capacity [bit]
Sampling frequency [Hz] ¥ 8 [bit]
Playback time [sec] =
=
(3072–17) ¥ 1024 [bit]
8000 [Hz] ¥ 8 [bit]
Playback time =
= 48.8 [sec]
For example, if all phrases are stored in the MSM9836 at 8 kHz sampling frequency, the
maximum playback time is as follows.
Table 2.1 Maximum playback time
Playback method
Applicable sound
8-bit non-linear PCM algorithm Human voice
8-bit straight PCM algorithm
BEEP tone, sound effects
fSAM=16.0kHz
24.4
fSAM=8.0kHz
48.8
fSAM=6.4kHz
61.0
fSAM=4.0kHz
97.7
User's area
3055K bit
ROM capacity
3M bit
Maximum playback time (sec)
Model
MSM9836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com