Electronic Components Datasheet Search
  English  ▼

X  

HTB-X6I Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HTB-X6I
Description  1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HTB-X6I Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HTB-X6I Datasheet HTML 1Page - Eaton All Rights Reserved. HTB-X6I Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2119 BU-SB09620
June 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
HTB
1/4” x 1 1/4” and 5 mm x 20 mm Panel-mount fuse holders
Technical Data 2119
Effective June 2017
Dimensions - in (mm)
Terminal Options
Knob Type Carrier
Solder/
Carrier Options
3
⁄16˝ Quick-Connect
1
⁄4˝ Quick-Connect
1
⁄4˝ x 1 1⁄4˝
5 x 20mm
Maximum
In-Line
Rt. Angle
In-Line
Rt. Angle
(“I” Equals Inches)
(“M” Equals Metric)
Panel
Knob
Knob
Thickness
Common Dimensional Data:
Length (Knob Type) - 1.69
(42.9mm) Plus In-Line Terminal
NOTE: Plus In-Line Terminal
0.34"
0.33"
0.47"
0.45"
(8.7mm)
(8.3mm)
(11.9mm)
(11.5mm)
0.47"
1.125"
(11.9mm)
(28.6mm)
HTB-22I-R
HTB-24I-R
HTB-26I-R
HTB-28I-R
3
—
0.30˝
7.62mm
Low Pr
e
0.09" NOM.
HTB-22M-R
HTB-24M-R
HTB-26M-R
HTB-28M-R
—
3
Rear Hex Nut
(2.4mm)
HTB-2
0.69"
0.91"
(17.5mm)
(23.0mm)
HTB-42I-R
HTB-44I-R
HTB-46I-R
HTB-48I-R
3
—
0.125˝
3.18mm
High
Pr
e
HTB-42M-R
HTB-44M-R
HTB-46M-R
HTB-48M-R
—
3
Rear Hex Nut
HTB-4
0.67"
0.92"
(17.1mm)
(23.4mm)
HTB-62I-R
HTB-64I-R
HTB-66I-R
HTB-68I-R
3
—
0.30˝
7.62mm
Front
HTB-62M-R
HTB-64M-R
HTB-66M-R
HTB-68M-R
—
3
Hex Nut
HTB-6
0.47"
1.125"
HTB-84I-R
HTB-86I-R
HTB-88I-R
3
—
(11.9mm)
(28.6mm)
HTB-82I-R
0.125˝
3.18mm
Low Pr
e
HTB-82M-R
HTB-84M-R
HTB-86M-R
HTB-88M-R
—
3
Snap-In
HTB-8
Fuseholders and fuse carriers may be ordered separately.
Dimensions - in (mm)
Terminal Options
Screwdriver Type Carrier
Solder/
Carrier Options
3
⁄16˝ Quick-Connect
1
⁄4˝ Quick-Connect
1
⁄4˝ x 1⁄4˝
5 x 20mm
Maximum
In-Line
Rt. Angle
In-Line
Rt. Angle
(“I” Equals Inches)
(“M” Equals Metric)
Panel
Screwdriver
Screwdriver
Thickness
Common Dimensional Data:
(Screwdriver Slotted)
1.75˝ (44.5mm)
NOTE: Plus In-Line Terminal
0.34"
0.33"
0.47"
0.45"
(8.7mm)
(8.3mm)
(11.9mm)
(11.5mm)
0.17"
1.58"
(4.37mm)
(40.03mm)
HTB-32I-R
HTB-34I-R
HTB-36I-R
HTB-38I-R
3
—
0.30˝
7.62mm
Low Pr
e
HTB-3
HTB-32M-R
HTB-34M-R
HTB-36M-R
HTB-38M-R
—
3
Rear Hex Nut
0.41"
1.34"
(10.31mm)
(34.13mm)
HTB-52I-R
HTB-54I-R
HTB-56I-R
HTB-58I-R
3
—
0.125˝
3.18mm
High Pr
e
HTB-52M-R
HTB-54M-R
HTB-56M-R
HTB-58M-R
—
3
Rear Hex Nut
HTB-5
0.17"
1.59"
(4.37mm)
(40.08mm)
HTB-92I-R
HTB-94I-R
HTB-96I-R
HTB-98I-R
3
—
0.125˝
3.18mm
Low-Pr
e
HTB-92M-R
HTB-94M-R
HTB-96M-R
HTB-98M-R
—
HTB-9
3
Snap-In
Fuseholders and fuse carriers may be ordered separately.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com