Electronic Components Datasheet Search
  English  ▼

X  

PHB Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # PHB
Description  Cylindrical pack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PHB Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  PHB Datasheet HTML 1Page - Eaton All Rights Reserved. PHB Datasheet HTML 2Page - Eaton All Rights Reserved. PHB Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data
4402
Effective June 2017
PHB Supercapacitors
Cylindrical pack
www.eaton.com/electronics
Ratings
Capacitance
1.5 F to 5.0 F
Maximum working voltage
5.0 V
Surge voltage
5.5 V
Capacitance tolerance
-10% to +30% (+20 °C)
Operating temperature range
-25 °C to +70 °C
Specifications
Performance
Parameter
Capacitance change
(% of initial value)
ESR
(% of max. initial value)
Life (1000 hours @ +70 °C @ 5.0 Vdc)
≤ 30%
≤ 200%
Storage - Low and High Temperature (1000 hours @ -25 °C and +85 °C)
≤ 30%
≤ 200%
Packaging information
•
Standard packaging: Bulk, 100 units per bag
•
Larger bulk packages available on request
Extended operating temperature range
-25 °C to +85 °C (with linear derating to 4.0 V @ +85 °C)
Nominal
Capacitance (F)
Vertical
Part Number
Horizontal
Part Number
Maximum ESR
(Ω) (Equivalent Series
Resistance) Measured
@ 1 kHz
100 Hz
Nominal
leakage current
(µA) after 100
hours @ 5 V,+20 °C
Nominal
dimensions (mm)
Typical mass
(grams/piece)
1.5
PHB-5R0V155-R
PHB-5R0H155-R
0.31
10
8.5 x 16.8 x 21.5
3.3
2.5
PHB-5R0V255-R
PHB-5R0H255-R
0.19
14
10.5 x 20.8 x 22.5
5.0
3.0
PHB-5R0V305-R
PHB-5R0H305-R
0.19
16
8.5 x 16.8 x 31.5
5.3
5.0
PHB-5R0V505-R
PHB-5R0H505-R
0.12
25
10.5 x 20.8 x 32
7.5
0.33
0.20
0.20
0.13
Part marking
•
Manufacturer
•
Capacitance (F)
•
Maximum operating voltage (V)
Dimensions (mm)
Vertical Part Number
Horizontal Part Number
A
B
C
d’
D
D’
E
E’
F
P
9.0
17.3
22.0
0.5
20
15
25
20
2.0
11.8
11.0
21.3
23.0
0.6
20
15
25
20
2.0
5.3
9.0
17.3
32.5
0.5
20
15
25
20
2.0
11.8
Tolerances
Maximum
± 0.02
Minimum
± 0.5
Note: Longer lead is positive.
B
C
P
C
A
A
D
E
d'
P
B
C
P
E'
F
C
A
A
D'
F
d'
Positive lead
Positive lead
Vertical
Horizontal
11.0
21.3
32.5
0.6
20
15
25
20
2.0
5.3
PHB-5R0V155-R
PHB-5R0H155-R
PHB-5R0V255-R
PHB-5R0H255-R
PHB-5R0V305-R
PHB-5R0H305-R
PHB-5R0V505-R
PHB-5R0H505-R
Part numbering system
P
HB
—
5R0
V
15
5
-R
Family Code
Version
Voltage (V) R = Decimal
Configuration
Capacitance (µF)
Value
Multiplier
Standard
product
P= Pack
5R0 = 5.0 V
V = Vertical
H = Horizontal
Example: 155 = 15 x 105 or 1.5 F
•
Family code (or part number)
•
Polarity marking



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com