Electronic Components Datasheet Search
  English  ▼

X  

SDQ Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # SDQ
Description  Low-profile dual winding shielded drum inductor/transformer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SDQ Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  SDQ Datasheet HTML 1Page - Eaton All Rights Reserved. SDQ Datasheet HTML 2Page - Eaton All Rights Reserved. SDQ Datasheet HTML 3Page - Eaton All Rights Reserved. SDQ Datasheet HTML 4Page - Eaton All Rights Reserved. SDQ Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
4339
Effective August 2017
www.eaton.com/electronics
SDQ
Low-profile dual winding shielded drum inductor/transformer
Product specifications
P
Paarraalllleell R
Raattiinnggss
S
Seerriieess R
Raattiinnggss
R
Raatteedd
P
Paarrtt
O
OC
CLL ((11))
IIrrm
mss
((2
2))
IIssaatt ((33))
D
DC
CR
R ((44))
V
Voollttss ((55))
O
OC
CLL ((11))
IIrrm
mss
((2
2))
IIssaatt ((33))
D
DC
CR
R Ω
Ω ((44))
V
Voollttss ((55))
P
Paarrtt
IInndduuccttaannccee
M
Maarrkkiinngg
±
±2
20
0%
%
((
Ω
Ω)) ttyypp..
±
±2
20
0%
%
ttyypp..
N
Nuum
mbbeerr
((µµH
H))
((µµH
H))
ttyypp..
((µµH
H))
ttyypp..
SDQ12-R47-R
0.47
A
0.49±30%
2.78
4.34
0.0325
2.45
1.96±30%
1.39
2.17
0.1298
4.90
SDQ12-1R0-R
1
B
0.81
2.49
3.38
0.0403
3.15
3.24
1.25
1.69
0.1611
6.30
SDQ12-1R5-R
1.5
C
1.69
1.69
2.34
0.0870
4.55
6.76
0.847
1.17
0.3481
9.10
SDQ12-2R2-R
2.2
D
2.25
1.60
2.03
0.0977
5.25
9.00
0.800
1.01
0.3908
10.5
SDQ12-3R3-R
3.3
E
3.61
1.28
1.60
0.1527
6.65
14.44
0.640
0.800
0.6106
13.3
SDQ12-4R7-R
4.7
F
4.41
1.12
1.45
0.1990
7.35
17.64
0.560
0.724
0.7959
14.7
SDQ12-6R2-R
6.2
G
6.25
1.02
1.22
0.2387
8.75
25.00
0.512
0.608
0.9548
17.5
SDQ12-8R2-R
8.2
H
8.41
0.868
1.05
0.3318
10.15
33.64
0.434
0.524
1.33
20.3
SDQ12-100-R
10
J
9.61
0.831
0.981
0.3620
10.85
38.44
0.416
0.490
1.45
21.7
SDQ12-150-R
15
K
15.21
0.658
0.779
0.5766
13.65
60.84
0.329
0.390
2.31
27.3
SDQ12-220-R
22
L
22.09
0.548
0.647
0.8332
16.45
88.36
0.274
0.323
3.33
32.9
SDQ12-330-R
33
M
32.49
0.439
0.533
1.29
19.95
130.0
0.220
0.267
5.18
39.9
SDQ12-470-R
47
N
47.61
0.401
0.441
1.55
24.15
190.4
0.201
0.220
6.21
48.3
SDQ12-680-R
68
O
68.89
0.326
0.366
2.36
29.05
275.6
0.163
0.183
9.43
58.1
SDQ12-820-R
82
P
82.81
0.309
0.334
2.62
31.85
331.2
0.154
0.167
10.49
63.7
SDQ25-R47-R
0.47
A
0.392±30%
3.71
6.43
0.0181
2.31
1.57±30%
1.86
3.21
0.0725
4.62
SDQ25-R82-R
0.82
B
0.648±30%
3.37
5.00
0.0221
2.97
2.59±30%
1.68
2.50
0.0883
5.94
SDQ25-1R0-R
1
C
0.97
3.15
4.09
0.0252
3.63
3.87
1.58
2.05
0.1007
7.26
SDQ25-1R5-R
1.5
D
1.35
2.97
3.46
0.0283
4.29
5.41
1.49
1.73
0.1130
8.58
SDQ25-2R2-R
2.2
E
2.31
2.67
2.65
0.0351
5.61
9.25
1.34
1.32
0.1402
11.2
SDQ25-3R3-R
3.3
F
2.89
2.50
2.37
0.0399
6.27
11.55
1.25
1.18
0.1595
12.5
SDQ25-4R7-R
4.7
G
5
1.96
1.80
0.0653
8.25
20.00
0.98
0.900
0.2612
16.5
SDQ25-6R8-R
6.8
H
6.73
1.84
1.55
0.0741
9.57
26.91
0.918
0.776
0.2964
19.1
SDQ25-8R2-R
8.2
J
8.71
1.57
1.36
0.1015
10.9
34.85
0.785
0.682
0.4059
21.8
SDQ25-100-R
10
K
9.8
1.53
1.29
0.1068
11.6
39.20
0.765
0.643
0.4273
23.1
SDQ25-150-R
15
L
14.79
1.24
1.05
0.1632
14.2
59.17
0.619
0.523
0.6526
28.4
SDQ25-220-R
22
M
22.47
1.01
0.849
0.2431
17.5
89.89
0.507
0.425
0.9724
35.0
SDQ25-330-R
33
N
33.8
0.812
0.692
0.3795
21.5
135.2
0.406
0.346
1.52
42.9
SDQ25-470-R
47
O
47.43
0.749
0.584
0.4461
25.4
189.7
0.374
0.292
1.78
50.8
SDQ25-680-R
68
P
69.19
0.603
0.484
0.6865
30.7
276.8
0.302
0.242
2.75
61.4
SDQ25-820-R
82
Q
81.61
0.580
0.446
0.7435
33.3
326.4
0.290
0.223
2.97
66.7
SDQ25-101-R
100
R
98.57
0.499
0.405
1.00
36.6
394.3
0.249
0.203
4.02
73.3
SDQ25-151-R
150
S
150.2
0.408
0.328
1.50
45.2
600.6
0.204
0.164
6.00
90.4
SDQ25-221-R
220
T
223.1
0.326
0.269
2.36
55.1
892.4
0.163
0.135
9.42
110
SDQ25-331-R
330
U
329.7
0.292
0.222
2.93
67.0
1318.7
0.146
0.111
11.71
134
SDQ25-471-R
470
V
472.4
0.243
0.185
4.25
80.2
1889.6
0.121
0.093
16.99
160
SDQ25-681-R
680
W
677.4
0.197
0.155
6.45
96.0
2709.8
0.098
0.077
25.78
192
SDQ25-821-R
820
X
824.3
0.186
0.140
7.25
106
3297.3
0.093
0.070
28.99
212
SDQ25-102-R
1000
Y
1008.2
0.160
0.127
9.82
117
4032.8
0.080
0.063
39.26
234
(1) Test Parameters: 100 kHz,.0.25 Vrms 0.0 Adc
(2) Irms: DC current for approximately ΔT of 40 °C without core loss. It is recommended that the
temperature of the part not to exceed
+125 °C. Derating is necessary for AC currents
(3) Isat: Peak current for approximately 30% rolloff @ +20 °C
(4) DCR limits @ +20 °C
(5) Applied Volt-Time product (V-µ
s) across the inductor at 100 kHz necessary to generate a core loss equal
to 10% of the total losses for a 40 °C temperature rise. Derating of the Irms is required to
prevent excessive temperature rise.
Part Number Definition:
SDQ12-XXX-R
SDQ12 = Product code and Size
XXX = Inductance in uH, R = Decimal point
If no R is present, third character = # of zeros.
-R suffix indicated RoHS compliant
(A)
(A)
(u-sec)
(A)
(A)
(u-sec)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com