Electronic Components Datasheet Search
  English  ▼

X  

FP6787 Datasheet(PDF) 17 Page - Fitipower Integrated Technology Inc.

Part # FP6787
Description  Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6787 Datasheet(HTML) 17 Page - Fitipower Integrated Technology Inc.

Back Button FP6787 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 15Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 16Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 17Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 18Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 19Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 20Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
FP6787/A-1.3-JAN-2012
FP6787/A
85T
fitipower integrated technology lnc.
Application Information
Inductor Selection
Although small physical size and high efficiency are
major concerns, the inductor should have low core
losses at 640 kHz and series resistance (DCR,
copper wire resistance).
The minimum inductor
value, peak current rating and series resistance will
affect the converter efficiency, maximum output load
capability, transient response time and output voltage
ripple.
The inductor selection depends on input
voltage, output voltage and maximum output current,
Very high inductor value minimize the current ripple
and therefore reduce the peak
current,
which
decreases core losses in the inductor and conduct
losses in the entire power path.
However, large
inductor values also require more energy storage and
more turns of wire.
The size of inductor will become
bigger and increase conduct losses.
Low inductor
values decrease the size but increase the current
ripple and the peak current.
Choosing the inductor
values is based on the application.
The inductor selection depends on the switching
frequency and current ripple by the following formula:
L
VIN
fOSC
IL
1
VIN
VOUT
where fOSC is the 640kHz switching frequency of the
FP6787/A. IL is the inductor ripple current.
In addition, it is important to ensure the inductor
saturation current exceeds the peak value of inductor
current in application to prevent core saturation.
Calculate the ripple current at the operating point and
the peak current required for the inductor:
IL VO 1
VO
VI
/ L fOSC
IL MA
IO max
IL
2
Rectifier Diode Selection
A high-speed diode is necessary due to the high
switching
frequency.
The
Schottky
diode
is
recommended because of their fast recovery time and
low forward drop voltage for better efficiency.
The
forward drop voltage of Schottky diode will result in
the conduction losses in the diode, and the diode
capacitance (CT or CD) will cause the switching
losses.
Therefore, it is necessary to consider both
forward voltage drop and diode capacitance for diode
selection.
In addition, the reverse voltage rating of
this diode should 1.3 times of the maximum output
voltage.
The rectifier diode must meet the peak
inductor current requirement.
Flying Capacitor Selection
Increase of flying capacitor value results in a rise of
output
capability
with
smaller
ripple
voltage,
therefore flying capacitor is an important component
in charge pump system.
The voltage rating for
flying capacitor value is given by:
VCFL
1.
VIN N
Where VCFLY is the voltage rating of charge pump
flying capacitor, N is number of charge pump
stages.
Output Capacitor Selection
The FP6787/A is permissible in using ceramic
capacitor for TFT LCD panel application.
The
value of capacitor depends on acceptable voltage
ripple.
Selecting
an
output
capacitor
must
consider the output ripple voltage and the ripple
current.
The ESR of capacitor is a major factor to
the output ripple.
For lower output voltage ripple,
the low ESR ceramic capacitor is recommended.
The ripple voltage is given by:
VO IL ESR
1
fOSC CO
The common aluminum-electrolytic capacitors have
high ESR and should be avoided.
Ceramic
capacitors have the lowest ESR in general.
Input Capacitor Selection
The input capacitor can reduced peak current and
noise at power source.
It should have 10
μF at
least and can be increased for better input voltage
filtering.
For better input bypassing, low ESR
ceramic capacitor is recommended for better
performance.
Output Capacitor of Charge Pump Selection
The capacitor which tenfold flying capacitor is
suitable for the output capacitor of charge pump.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com