Electronic Components Datasheet Search
  English  ▼

X  

FP6811 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6811
Description  Microprocessor Voltage Monitors with Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6811 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6811 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6811 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6811 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6811 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6811 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6811 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6811 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6811 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6811 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FP6811/6812-1.8-JUL-2014
FP6811/6812
fitipower integrated technology lnc.
Microprocessor Voltage
Monitors with Manual Reset
Pin Assignments
S5 Package (SOT-23-5)
2
1
3
5
4
GND
VCC
NC
MR
RESET
(RESET)
C8 Package (SC-82)
1
2
4
3
GND
RESET
(RESET)
VCC
MR
Ordering Information
FP6811/12-
□□□□□
TR: Tape/Reel
P: Green
G: Green
Package Type
C8: SC-82
SA: SOT-143
S5: SOT-23-5
N: Open-Drain
(FP6811only)
C: Push-Pull
Reset Voltage
23: 2.32V
40: 4.00V
26: 2.63V
44: 4.38V
29: 2.93V
46: 4.63V
31: 3.08V
FP6811: Active Low Reset
FP6812: Active High Reset
Note1: Please consult Fitipower sales office or authorized
distributors for availability of special reset voltages.
Description
The FP6811 and FP6812 are cost-effective system
supervisory circuits which are designed to monitor
the power supply status in micro-processor (
μP) and
digital systems.
In addition, they provide a
de-bounced manual reset input pin to initiate a reset.
These circuits assert a reset signal whenever the
VCC supply voltage declines below a preset
threshold, keeping it asserted for at least 140ms
after VCC has risen above the reset threshold.
The FP6811-N has an open-drain output stage, while
FP6811-C and FP6812-C have push-pull outputs.
The FP6811-
N’s open-drain output requires a pull-up
resistor.
The FP6811 has an active-low
output while the FP6812 has an active-high RESET
output.
The FP6811 and FP6812 are optimized to reject fast
transient glitches on the VCC line.
A low supply
current makes these devices suitable for portable
equipment.
Each device is available in SOT-23-5,
SC-82 and SOT-143 packages.
Features
Precision Monitoring of Power-Supply Voltage
140ms Guaranteed Minimum Reset Output
Duration
Low Supply Current
VCC Transient Immunity
Small SOT-23-5, SC-82 and SOT-143 Packages
No External Components
Guaranteed Reset Valid to VCC=1V
Available in Three Output Configurations
Open-Drain
Output (FP6811-N)
Push-Pull
Output (FP6811-C)
Push-Pull RESET Output (FP6812-C)
RoHS Compliant
Applications
Computer
Battery Powered Equipment
Microprocessor Power Supply Monitoring
Embedded System
Automotive


Similar Part No. - FP6811

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6810) FITIPOWER-FP6810) Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
FP6810-23CS3G FITIPOWER-FP6810-23CS3G Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
FP6810-23CS3P FITIPOWER-FP6810-23CS3P Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
FP6810-26CS3G FITIPOWER-FP6810-26CS3G Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
FP6810-26CS3P FITIPOWER-FP6810-26CS3P Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
More results

Similar Description - FP6811

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
Microprocessor Reset Monitors
01-Nov-02
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
4-Pin UP Voltage Monitors with Manual Reset Input
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
Microprocessor Voltage Monitor with Manual Reset
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
Micropower Microprocessor Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
4-Pin P Voltage Monitors with Manual Reset Input
logo
Union Semiconductor, In...
UM805 UNIONSEMI-UM805 Datasheet
379Kb / 14P
Voltage Monitors with Manual Reset Input
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com