Electronic Components Datasheet Search
  English  ▼

X  

AT24C01A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AT24C01A
Description  Two-wire Serial EEPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AT24C01A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  AT24C01A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Integrate Circuit
■Pin Capacitance
Applicable over recommended operating range from TA= 25℃ f = 1.0 MHz, VCC = +1.8V.
Parameter
Symbol
Testconditons
Max
Unit
Input/Output Capacitance (SDA)
CI/O
VI/O = 0V
8
pF
Input Capacitance (A0, A1, A2, SCL)
CIN
VIN = 0V
6
pF
■ DC Characteri stics
Applicable over recommended operating range from :
TA = -40℃ to +85℃, VCC = +1.8V to +5.5V (unless otherwise noted).
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Supply Voltage
VCC1
1.8
5.5
V
Supply Voltage
VCC2
2.7
5.5
V
Supply Voltage
VCC3
4.5
5.5
V
Supply Current VCC = 5.0V
ICC
READ at 100 kHz
0.4
1.0
mA
Supply Current VCC = 5.0V
ICC
WRITE at 100 kHz
2.0
3.0
mA
Standby Current VCC = 1.8V
ISB1
VIN = VCC or VSS
0.6
3.0
μA
Standby Current VCC = 2.5V
ISB2
VIN = VCC or VSS
1.4
4.0
μA
Standby Current VCC = 2.7V
ISB3
VIN = VCC or VSS
1.6
4.0
μA
Standby Current VCC = 5.0V
ISB4
VIN = VCC or VSS
8.0
18.0
μA
Input Leakage Current
ILI
VIN = VCC or VSS
0.10
3.0
μA
Output Leakage Current
ILO
VOUT = VCC or VSS
0.05
3.0
μA
Input Low Level*1
VIL
-0.6
VCC x 0.3
V
Input High Level*1
VIH
VCC x 0.7
VCC + 0.5
V
Output Low Level VCC = 3.0V
VOL2
IOL = 2.1 mA
0.4
V
Output Low Level VCC = 1.8V
VOL1
IOL = 0.15 mA
0.2
V
*1. VIL min and VIH max are reference only and are not tested.
AT24C01A/02N/04N/08AN/16AN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com