Electronic Components Datasheet Search
  English  ▼

X  

HAL805 Datasheet(PDF) 2 Page - Micronas

Part # HAL805
Description  Programmable Linear Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL805 Datasheet(HTML) 2 Page - Micronas

  HAL805 Datasheet HTML 1Page - Micronas HAL805 Datasheet HTML 2Page - Micronas HAL805 Datasheet HTML 3Page - Micronas HAL805 Datasheet HTML 4Page - Micronas HAL805 Datasheet HTML 5Page - Micronas HAL805 Datasheet HTML 6Page - Micronas HAL805 Datasheet HTML 7Page - Micronas HAL805 Datasheet HTML 8Page - Micronas HAL805 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
HAL 805
PRELIMINARY DATA SHEET
2
Micronas
Contents
Page
Section
Title
3
1.
Introduction
3
1.1.
Major Applications
3
1.2.
Features
4
1.3.
Marking Code
4
1.4.
Operating Junction Temperature Range (TJ)
4
1.5.
Hall Sensor Package Codes
4
1.6.
Solderability
4
1.7.
Pin Connections and Short Descriptions
5
2.
Functional Description
5
2.1.
General Function
7
2.2.
Digital Signal Processing and EEPROM
9
2.3.
Calibration Procedure
9
2.3.1.
General Procedure
10
2.3.2.
Calibration of the Angle Sensor
11
3.
Specifications
11
3.1.
Outline Dimensions
11
3.2.
Dimensions of Sensitive Area
11
3.3.
Position of Sensitive Area
12
3.4.
Absolute Maximum Ratings
12
3.5.
Recommended Operating Conditions
13
3.6.
Electrical Characteristics
14
3.7.
Magnetic Characteristics
14
3.8.
Open Circuit Detection
15
3.9.
Typical Characteristics
17
4.
Application Notes
17
4.1.
Application Circuit
17
4.2.
Use of two HAL 805 in Parallel
17
4.3.
Temperature Compensation
18
4.4.
Undervoltage Behavior
18
4.5.
Ambient Temperature
18
4.6.
EMC and ESD
19
5.
Programming of the Sensor
19
5.1.
Definition of Programming Pulses
19
5.2.
Definition of the Telegram
21
5.3.
Telegram Codes
22
5.4.
Number Formats
23
5.5.
Register Information
23
5.6.
Programming Information
24
6.
Data Sheet History
Note: Some exclusivity restrictions may apply for the use of this sensor in automotive applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com