Electronic Components Datasheet Search
  English  ▼

X  

BCV62 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCV62
Description  PNP general purpose double transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCV62 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCV62 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCV62 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BCV62 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
MOSFET
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC = -10 μA, IE = 0
-30
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = -10 mA, IB = 0
-30
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC = -10 μA, IC = 0
-6
V
Collector cutoff current
ICBO
VCB=-30V, IE=0
-15
nA
Emitter cutoff current
IEBO
VEB=-5V, IC=0
-100
nA
VCE=-5V, IC= -100μA
100
VCE=-5V, IC=-2mA
100
800
IC = -10 mA; IB = -0.5 mA
-0.3
V
IC = -100 mA; IB = -5 mA
-0.65
V
IC = -10 mA; IB = -0.5 mA
-0.7
V
IC = -100 mA; IB = -5 mA
-0.85
V
Collector capacitance
Cc
IE = ie = 0; VCB = -10 V; f = 1 MHz
4.5
pF
Transition frequency
fT
IC = -10 mA; VCE = -5 V; f = 100 MHz
100
MHz
Noise figure
F
IC =-200μ A; VCE =-5 V; RS =2kΩ; f = 1 kHz;
B = 200 Hz
10
dB
VCB = 0; IE = 250 mA
1.5
V
VCB = 0; IE
0.4
mV
DC current gain
BCV62A
125
250
BCV62B
220
475
BCV62C
420
800
* pulse test: Pulse Width ≤300μs, Duty Cycle≤ 2.0%.
hFE
IC = -2 mA; VCE = -5 V
Transistor TR1
Transistor TR2
Base-emitter forward voltage
VEBS
hFE
DC current gain
collector-emitter saturation voltage *
VCE(sat)
VBE(sat)
base-emitter saturation voltage *
■ Marking
TYPE
BCV61
BCV61A
BCV61B
BCV61C
Marking
3MP
3JP
3KP
3LP
= 10μA
www.kexin.com.cn
2
BCV62



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com