Electronic Components Datasheet Search
  English  ▼

X  

FML9 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FML9
Description  General purpose transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FML9 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FML9 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FML9 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FML9 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FML9 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
General purpose transistor
(isolated transistor and diode)
FML9
■ Features
● Tr1: Low VCE(sat)
● Di : Low VF
● Small package
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-15
V
Collector-emitter voltage
VCEO
-12
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-1.5
A
Power dissipation
PD
200
mW
Operating and Storage and Temperature Range
Tj, TSTG
-40 to +125
℃
Parameter
Symbol
Rating
Unit
Reak reverse voltage
VRM
25
V
Reverse voltage (DC)
VR
20
V
Average rectified forward current
IF
700
mA
Forward current surge peak (60HZ, 1∞)
IFSM
3
A
Operating and Storage and Temperature Range
Tj, TSTG
-40 to +125
℃
Tr1
Di2
1
23
4
5
Unit: mm
Tr1
Di2
(4)
(5)
(1)
(2)
(3)


Similar Part No. - FML9

ManufacturerPart #DatasheetDescription
logo
Rohm
FML9 ROHM-FML9 Datasheet
87Kb / 4P
General purpose transistor (isolated transistor and diode)
FML9 ROHM-FML9 Datasheet
88Kb / 5P
General purpose transistor (isolated transistor and diode)
logo
First Components Intern...
FML9N90 FCI-FML9N90 Datasheet
116Kb / 2P
9Amps 900 Voltage N Channel MOSFET
logo
Rohm
FML9 ROHM-FML9_1 Datasheet
88Kb / 5P
General purpose transistor (isolated transistor and diode)
More results

Similar Description - FML9

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com