Electronic Components Datasheet Search
  English  ▼

X  

FML10 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FML10
Description  General purpose transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FML10 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FML10 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FML10 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FML10 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 10 μA, IE = 0
15
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 1 mA, IB = 0
12
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC = 10 μA, IC = 0
6
V
Collector cutoff current
ICBO
VCB=15V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB=6V, IC=0
100
nA
DC current gain
hFE
VCE=2V, IC= 200mA
270
680
collector-emitter saturation voltage *
VCE(sat)
IC = 500 mA; IB = 25 mA
0.2
V
Transition frequency
fT
IC = 200 mA; VCE = 2 V; f = 100 MHz
400
MHz
Collector output capacitance
Cob
VCB=10V, IE=0A, f=1MHz
12
pF
Forward voltage
VF
IF=700mA
490
mV
Reverse current
IR
VR=20V
200
μA
* pulse test: Pulse Width ≤300μs, Duty Cycle≤ 2.0%.
Transistor TR1
Di2
■ Marking
Marking
L10
FML10
Transistors
www.kexin.com.cn
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com