Electronic Components Datasheet Search
  English  ▼

X  

RF3315 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3315
Description  ROADBAND HIGH LINEARITY AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3315 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3315 Datasheet HTML 1Page - RF Micro Devices RF3315 Datasheet HTML 2Page - RF Micro Devices RF3315 Datasheet HTML 3Page - RF Micro Devices RF3315 Datasheet HTML 4Page - RF Micro Devices RF3315 Datasheet HTML 5Page - RF Micro Devices RF3315 Datasheet HTML 6Page - RF Micro Devices RF3315 Datasheet HTML 7Page - RF Micro Devices RF3315 Datasheet HTML 8Page - RF Micro Devices RF3315 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4-557
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
4
RF3315
BROADBAND HIGH LINEARITY AMPLIFIER
• Basestation Applications
• Cellular and PCS Systems
• WLL, W-CDMA Systems
• Final PA for Low-Power Applications
The RF3315 is a high-efficiency GaAs Heterojunction
Bipolar Transistor (HBT) amplifier packaged in a low-cost
surface-mount package. This amplifier is ideal for use in
applications requiring high-linearity and low noise figure
over the 300MHz to 3GHz frequency range. The RF3315
operates from a single 5V power supply.
• 300MHz to 3GHz
• +40dBm Output IP3
• 12.5dB Gain at 2.0GHz
• +23dBm P1dB
• 3.0dB Typical Noise Figure at 2.0GHz
• Single 5V Power Supply
RF3315
Broadband High Linearity Amplifier
RF3315PCBA-410 Fully Assembled Evaluation Board (2GHz)
RF3315PCBA-411 Fully Assembled Evaluation Board (900MHz)
0
Rev A9 050310
Shaded lead is pin 1.
Dimensions in mm.
0.43
0.38
1.60
1.40
1.75
1.40
1.80
1.45
0.53
0.41
1.04
0.80
0.50
0.30
4.60
4.40
2.60
2.40
3.10
2.90
0.48
0.36
2 PL
Package Style: SOT89
Pb-Free Product


Similar Part No. - RF3315

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-410 RFMD-RF3315PCBA-410 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-410 RFMD-RF3315PCBA-410 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-411 RFMD-RF3315PCBA-411 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
More results

Similar Description - RF3315

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
HIGH LINEARITY/DRIVER AMPLIFIER
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
1W High Linearity Amplifier
logo
RFHIC
AP205A RFHIC-AP205A_14 Datasheet
266Kb / 8P
High Linearity Drive Amplifier
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
1W High Linearity Amplifier
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
High Linearity Amplifier
Rev. 1, 9/2014
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com