Electronic Components Datasheet Search
  English  ▼

X  

FMMT619 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT619
Description  NPN Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT619 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT619 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT619 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FMMT619 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FMMT619 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Electrical Characteristics Ta = 25℃
■
Marking
Marking
619
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
50
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
50
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 40 V , IE= 0
100
Collector- emitter cut-off current
ICES
VCE= 40 V , IE= 0
100
Emitter cut-off current
IEBO
VEB= 4V , IC=0
100
IC=100 mA, IB=10mA
20
IC=1A, IB=10mA
200
IC=2A, IB=50mA
220
Base - emitter saturation voltage
VBE(sat) IC=2A, IB=50mA
1
Base-emitter turn-on voltage
VBE(on) VCE= 2V, IC= 2A
1
VCE= 2V, IC= 10mA
200
VCE= 2V, IC= 200mA
300
VCE= 2V, IC= 1A
200
VCE= 2V, IC= 2A
100
VCE= 2V, IC= 6A
40
Turn-on time
ton
170
Turn-off time
toff
750
Collector output capacitance
Cob
VCB= 10V, f=1MHz
20
pF
Transition frequency
fT
VCE= 10V, IC= 50mA,f=100MHz
100
MHz
hFE
VCC=10V, IC=1A
IB1=-IB2=10mA
ns
DC current gain
V
nA
Collector-emitter saturation voltage
VCE(sat)
mV
V
NPN Transistors
FMMT619



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com