Electronic Components Datasheet Search
  English  ▼

X  

1N4590 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 1N4590
Description  General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

1N4590 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  1N4590 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 1N4590 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
1N4590(R)
General Purpose Rectifier
FEATURES
·
High surge current capability
·
Wide current range
·
High surge current capabilities
·
Stud cathode and stud anode version
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Battery charges
·
Converters
·
Power supplies
·
Machine tool controls
* = Stud Normal Polarity (Cathode to Stud)
*R = Stud Reverse Polarity (Anode to Stud)
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
400
V
IF(AV)
Average Forward Current
TC=125℃,
180° conduction, half sine wave
150
A
IFSM
Surge Forward Current
t=10ms
No voltage
reapplied
3000
A
t=8.3ms
3140
I2t
I2t for fusing
t=10ms
No voltage
reapplied
45
KA2s
t=8.3ms
41
TJ
Junction Temperature
-65~200
℃
Tstg
Storage Temperature Range
-65~200
℃
VFM
Forward Voltage drop
IF= 600A, TJ= 25℃,tp = 10ms
sinusoidal wave
1.47
V


Similar Part No. - 1N4590

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4590 MICROSEMI-1N4590 Datasheet
116Kb / 3P
Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
1N4590 NJSEMI-1N4590 Datasheet
151Kb / 1P
General Purpose Rectifier
logo
GeneSiC Semiconductor, ...
1N4590 GENESIC-1N4590 Datasheet
722Kb / 3P
Silicon Standard Recovery Diode
1N4590 GENESIC-1N4590 Datasheet
748Kb / 3P
Silicon Standard Recovery Diode
1N4590 GENESIC-1N4590 Datasheet
1Mb / 3P
Silicon Standard Recovery Diode
More results

Similar Description - 1N4590

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
1A1G YANGJIE-1A1G Datasheet
206Kb / 4P
General Purpose Rectifier
1A1 YANGJIE-1A1_17 Datasheet
206Kb / 4P
General Purpose Rectifier
1N4001 YANGJIE-1N4001_17 Datasheet
207Kb / 4P
General Purpose Rectifier
G07A YANGJIE-G07A Datasheet
92Kb / 2P
General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
General Purpose Rectifier
logo
First Silicon Co., Ltd
6A05 FS-6A05 Datasheet
120Kb / 2P
General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com