Electronic Components Datasheet Search
  English  ▼

X  

GPC3LP170A Datasheet(PDF) 3 Page - Generalplus Technology Inc.

Part # GPC3LP170A
Description  Low Power 3-Channel Sound Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3LP170A Datasheet(HTML) 3 Page - Generalplus Technology Inc.

  GPC3LP170A Datasheet HTML 1Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 2Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 3Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 4Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 5Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 6Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 7Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 8Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
GPC3LP170A
© Generalplus Technology Inc.
Proprietary & Confidential
3
Apr. 17, 2014
Version: 1.0
LOW POWER 3-CHANNEL SOUND CONTROLLER
1. GENERAL DESCRIPTION
3. FEATURES
The GPC3LP170A is embedded with an 8-bit processor, 512k
bytes OTP ROM and 256-byte working SRAM, three sets of 12-bit
timer/counters, 20 general I/Os, a 3-channel mixer, a pair of 12-bit
PWM outputs and a Real Time Clock(RTC). The microprocessor
can implement software based on audio processing, functional
control and others.
For audio processing, melody and speech
can be mixed into one output.
It is designed for wide input
voltage (1.0V~1.8V; 1.3V~3.6V), and the circuit works at a
programmable pumped voltage (2.7V~4.5V).
Plus, it includes
Low Voltage Reset to assure system operating appropriately
under low voltage condition.
In addition, GPC3LP170A also
features the sleep mode for power saving.
With the high
cost/performance ratio, GPC3LP170A is one of the most suitable
engines in the industry for vocal applications.
8-bit microprocessor
512K bytes OTP ROM.
256-byte working SRAM
Wide input voltage: 1.0V~1.8V (one battery)
1.3V~3.6V (two battery)
*Lower input voltage could drive lighter loading only.
Pumped voltage (DC-DC) for VDDIO and VDD_REGIN
power:2.7V~4.5V;Step:0.3V
*The output pumped voltage would be larger or equal to input
voltage
Operating clock : 8.0MHz
Three system clock sources: IOSC(8MHz), ROSC and XTAL
Standby mode (Clock Stop mode) for power savings.
Max. 5.0
μA @1.5V(1.0V~1.8V (one battery))
Max. 10.0
μA @ 3.0V (1.3V~3.6V (two battery))
20 general I/Os
2. BLOCK DIAGRAM
Low Voltage Reset (LVR) function
Three 12-bit timer/counters
9 IRQs & 1 NMI interrupts
Three wake-up sources
Watchdog function
RTC function
IR function
Four sets of 256-level PWMIO outputs
Feedback function
Detect IO function
A 3-channel mixer with melody or ADPCM/PCM input
A pair of PWM outputs with volume control
BVD(battery voltage detect) function
4. APPLICATION FIELD
Talking instrument controller
General music synthesizer
High end toy controller
Intelligent education toys
And more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com