Electronic Components Datasheet Search
  English  ▼

X  

CF363FWKW Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CF363FWKW
Description  CUBEFuse safety switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CF363FWKW Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CF363FWKW Datasheet HTML 1Page - Eaton All Rights Reserved. CF363FWKW Datasheet HTML 2Page - Eaton All Rights Reserved. CF363FWKW Datasheet HTML 3Page - Eaton All Rights Reserved. CF363FWKW Datasheet HTML 4Page - Eaton All Rights Reserved. CF363FWKW Datasheet HTML 5Page - Eaton All Rights Reserved. CF363FWKW Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Eaton.com/bussmannseries
2
Technical Data 1156
Effective December 2015
Bussmann series CUBEFuse safety switch
Catalog symbol:
•
CF36_
Ratings:
Heavy duty
•
Volts
•
600Vac
•
250Vdc
•
Amps
•
30, 60, 100A
•
SCCR
•
200kA AC (30 and 60A)
•
200kA AC (100A NEMA 1, 3R, 4X and 12 @ 480Vac)
•
200kA AC (100A NEMA 4X and 12 @ 600Vac)
•
100kA AC (100A NEMA 1 and 3R @ 600Vac)
•
10kA DC (30, 60 and 100A)
Agency information
•
UL 98 standard for enclosed deadfront switches
•
UL 50 standard for enclosures for electrical equipment
•
NEMA KS-1
•
UL Listed, File E5239-G
•
cUL Listed, C22.2 No.4-M89
Poles
•
3
Enclosures
•
NEMA 1
•
NEMA 3R
•
NEMA 12
•
NEMA 4X stainless
Operating temperature range
•
-30°C to +50°C1
Options and accessories
•
Viewing window on NEMA 12, and 4X stainless enclosures
•
Neutral lug kit suitable for service entrance use2
•
Auxiliary contacts for remote indication3
Fuses (order separately)
•
Time-delay Class CF CUBEFuse
•
Indicating (TCF_)
•
Non-indicating (TCF_RN)
•
Fast-acting Class CF CUBEFuse
•
Non-indicating (FCF_RN)
CUBEFuse holder ampacity/fuse rejection ranges
•
30A Holder
•
Accepts 1-30A CUBEFuse
•
60A Holder
•
Accepts 1-60A CUBEFuse
•
100A Holder
•
Accepts 1-100A CUBEFuse
Additional information
•
Time-delay CUBEFuse data sheet No. 9000
•
Fast-acting CUBEFuse data sheet No. 2147
•
CUBEFuse holder data sheet No. 9007
Lineside switch wire range and torque, 75ºC Cu only
Switch amps
AWG wire range and torque (lb-In)
30 and 60A
14-10 (35), 8 (40), 6-4 (45), 3-2 (50)
100A
14-10 (35), 8 (40), 6-4 (45), 3-1/0 (50)
Loadside CUBEFuse holder AWG wire range and torque,
75ºC Cu only
Switch amps
AWG wire range and torque (lb-In)
Single wire
Dual wire
30A
18-12 (20)
10-8 (25)
18-10 (25)
—
60A
18-10 (20)
8-4 (35)
18-10 (20)
8-6 (35)
100A
18-10 (25)
8-1 (40)
6 (45)
—
Maximum horsepower ratings
Single-phase
Three-phase
System
Amp
rating
Fuse class/
type
480Vac 600Vac
480Vac 600Vac
3-pole
30
Class CF
CUBEFuse4
7 1/2
10
15
20
60
Class CF
CUBEFuse4
20
25
30
50
100
Class CF
CUBEFuse4
30
40
60
75
1
For operation over or
under 25°C, consult fuse
derating tables.
2
Neutral kits, order part
number DH030NKB (30
and 60A) or DH100NKB
(100A).
3
Auxiliary contact
kits, order part number
DS200EK1B (1NO/1NC)
or DS200EK2B
(2NO/2NC).
4
Current-limiting Class J
electrical performance.
CF
3
6
1
F
G
k
W
Switch type
CF=Heavy duty
CUBEFuse
safety switch
Poles
3=3-pole
Voltage
6=600Vac
Ampacity
1=30A
2=60A
3=100A
Fusible
F=Fusible
Enclosure type
G=NEMA 1
R=NEMA 3R
D=NEMA 12
W=NEMA 4X
Series
K=Switch
Window**
W=Window
Blank=No window
**Only available with NEMA 12 and 4X stainless enclosures.
CUBEFuse safety switch catalog numbering system



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com