Electronic Components Datasheet Search
  English  ▼

X  

SLP830UZ Datasheet(PDF) 2 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # SLP830UZ
Description  550V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

SLP830UZ Datasheet(HTML) 2 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  SLP830UZ Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 6Page - Shenzhen Meipusen Semiconductor Co., Ltd SLP830UZ Datasheet HTML 7Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Maple Semiconductor CO., LTD
http://www.maplesemi.com
Rev. 01 November. 2015
Electrical Characteristics
TC = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 uA
550
--
--
V
△BVDSS
/
△TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 uA, Referenced to 25
℃
--
0.55
--
V/
℃
IDSS
Zero Gate Voltage Drain Current
VDS = 550 V, VGS = 0 V
--
--
1
uA
VDS = 440 V, TC = 125
℃
--
--
10
uA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
--
--
10
uA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
--
--
-10
uA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 uA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 2.5 A
--
1.0
1.3
Ω
gFS
Forward Transconductance
VDS = 40 V, ID = 2.5 A
(Note 4)
--
3.0
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
682
--
pF
Coss
Output Capacitance
--
23
--
pF
Crss
Reverse Transfer Capacitance
--
9
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 275 V, ID = 5.0 A,
RG = 25 Ω
(Note 4, 5)
--
25
--
ns
tr
Turn-On Rise Time
--
23
--
ns
td(off)
Turn-Off Delay Time
--
92.5
--
ns
tf
Turn-Off Fall Time
--
47
--
ns
Qg
Total Gate Charge
VDS = 440 V, ID = 5.0 A,
VGS = 10 V
(Note 4, 5)
--
16.3
--
nC
Qgs
Gate-Source Charge
--
3.6
--
nC
Qgd
Gate-Drain Charge
--
5.1
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
20
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 5.0 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 5.0 A,
--
312
--
ns
Qrr
Reverse Recovery Charge
dIF / dt = 100 A/us
(Note 4)
--
2.1
--
uC
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 14mH, IAS = 5.0A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD  5.0A, di/dt  200A/us, VDD  BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
 300us, Duty cycle  2%
5. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com