Electronic Components Datasheet Search
  English  ▼

X  

KLU Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # KLU
Description  Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KLU Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  KLU Datasheet HTML 1Page - Eaton All Rights Reserved. KLU Datasheet HTML 2Page - Eaton All Rights Reserved. KLU Datasheet HTML 3Page - Eaton All Rights Reserved. KLU Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1013
Effective February 2016
Supersedes August 2015
Limitron™ KLU Class L 600Vac, 601-4000A,
time-delay fuses
Catalog symbol:
• KLU-(amp)
Description:
Bussmann® series Advanced protection KLU Class
L time-delay, current-limiting fuses. Time-delay – 5
seconds (minimum) at 500% of rated current.
Specifications:
Ratings
Volts 600Vac
Amps 601-4000A*
IR 200kA Vac RMS Sym.
* Use KRP-CL for ratings from 225 to 600 amps.
Agency infortmation
• UL® Listed, Std. 248-10, Class L,
Guide JDDZ, File E4273
• CSA® Certified, C22.2 No. 248.10,
Class 1422-02, File 53787
• CE
• RoHS compliant
Catalog umbers (amps)
KLU–601
KLU–1200
KLU–2500
KLU–650
KLU–1500
KLU–3000
KLU–700
KLU–1600
KLU–4000
KLU–800
KLU–1800
KLU–1000
KLU–2000
Carton quantity:
Amp rating
Carton qty.
601-4000
1
Features:
• Provides 10X better current limitation to help
prevent equipment damage caused by short-
circuit events.
• 200kA Interrupting rating complies with
NEC® Section 110.9 for today’s large capacity
systems.
• Fast-acting fuse helps prevent equipment
damage caused by short-circuit events.
• Copper links result in a minimum 5-second
time-delay at 500% ampere rating.
• Ideal for critical industrial or commercial
applications that have specific current limitation
requirements.
Recommended fuse blocks —
601 to 1200 amps†:
Catalog numbers
Poles
51215
1
51235
3
† No Agency listings available.
No reducers available.


Similar Part No. - KLU

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
logo
Bothhand USA, LP.
KLU1S041-34LF BOTHHAND-KLU1S041-34LF Datasheet
911Kb / 4P
10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLU1S041-43-LF BOTHHAND-KLU1S041-43-LF Datasheet
216Kb / 2P
Reduced EMI radiation to improve EMI performance
KLU1S041-43LF BOTHHAND-KLU1S041-43LF Datasheet
216Kb / 2P
10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
More results

Similar Description - KLU

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KTU-601 COOPER-KTU-601 Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
KRP-C-601SP COOPER-KRP-C-601SP Datasheet
715Kb / 4P
Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
KRP-C EATON-KRP-C Datasheet
715Kb / 4P
Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
KRP-C-2001SP EATON-KRP-C-2001SP Datasheet
741Kb / 4P
Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
KTU EATON-KTU Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com