Electronic Components Datasheet Search
  English  ▼

X  

LP-CC-1 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # LP-CC-1
Description  Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP-CC-1 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  LP-CC-1 Datasheet HTML 1Page - Eaton All Rights Reserved. LP-CC-1 Datasheet HTML 2Page - Eaton All Rights Reserved. LP-CC-1 Datasheet HTML 3Page - Eaton All Rights Reserved. LP-CC-1 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1023
Effective October 2017
Low-Peak™ LP-CC Class CC 600 Vac/300 Vdc, 1⁄2-30 A time-delay fuses
Eaton.com/bussmannseries
Recommended fuse blocks and holders:
Fuse amps
1-pole
2-pole
3-pole
Modular open blocks
up to 30
BCM603-1_
BCM603-2_
BCM603-3_
DIN-Rail holders
Up to 30
CHCC1D_
CHCC2D_
CHCC3D_
—
—
OPM-NG-_
—
—
OPM-1038_
—
—
OPM-1038_SW
Panel mount holders
Up to 30
HPS-RR
—
—
HPF-RR
—
—
In-line holders
Up to 30
—
HEY
—
HEZ
—
—
For additional information on Class CC fuse blocks and holders, see
data sheets:
•
Modular open blocks no. 10241 (BCM)
•
DIN-Rail holders No. 10430 (CHCC), No. 1109 (OPM-NG), No. 1102
(OPM-1038), No. 1103 (OPM-1038_SW)
•
Panel mount holders No. 2113 (HPS), No. 2114 (HPF)
•
In-line holders No. 2126 (HEY), No. 2130 (HEZ)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com