Electronic Components Datasheet Search
  English  ▼

X  

M29DW128F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 1 Page - STMicroelectronics

  M29DW128F Datasheet HTML 1Page - STMicroelectronics M29DW128F Datasheet HTML 2Page - STMicroelectronics M29DW128F Datasheet HTML 3Page - STMicroelectronics M29DW128F Datasheet HTML 4Page - STMicroelectronics M29DW128F Datasheet HTML 5Page - STMicroelectronics M29DW128F Datasheet HTML 6Page - STMicroelectronics M29DW128F Datasheet HTML 7Page - STMicroelectronics M29DW128F Datasheet HTML 8Page - STMicroelectronics M29DW128F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Rev 1.0
August 2005
1/93
1
M29DW128F
128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block)
3V Supply, Flash Memory
Features summary
■ Supply Voltage
–VCC = 2.7V to 3.6V for Program, Erase and
Read
–VCCQ= 1.65V to 3.6V for Input/Output
–VPP =12V for Fast Program (optional)
■ ASYNCHRONOUS RANDOM/PAGE READ
– Page Width: 8 Words
– Page Access: 25, 30ns
– Random Access: 60, 70ns
■ PROGRAMMING TIME
– 10µs per Byte/Word typical
– 4 Words / 8 Bytes Program
– 32-Word Write Buffer
■ ERASE VERIFY
■ MEMORY BLOCKS
– Quadruple Bank Memory Array:
16Mbit+48Mbit+48Mbit+16Mbit
– Parameter Blocks (at Top and Bottom)
■ DUAL OPERATIONS
– While Program or Erase in one bank, Read
in any of the other banks
■ PROGRAM/ ERASE SUSPEND and RESUME
MODES
– Read from any Block during Program
Suspend
– Read and Program another Block during
Erase Suspend
■ UNLOCK BYPASS PROGRAM
– Faster Production/Batch Programming
■ COMMON FLASH INTERFACE
– 64 bit Security Code
■ 100,000 PROGRAM/ERASE CYCLES per
BLOCK
■ LOW POWER CONSUMPTION
– Standby and Automatic Standby
■ HARDWARE BLOCK PROTECTION
–VPP/WP Pin for fast program and write
protect of the four outermost parameter
blocks
■ SECURITY FEATURES
– Standard Protection
– Password Protection
■ EXTENDED MEMORY BLOCK
– Extra block used as security block or to
store additional information
■ ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Device Code: 227Eh + 2220h + 2200h
■ ECOPACK® PACKAGES AVAILABLE
BGA
TSOP56 (NF)
14 x 20mm
TBGA64 (ZA)
10 x 13mm
www.st.com


Similar Part No. - M29DW128F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
756Kb / 94P
128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
26-Oct-2006
logo
Numonyx B.V
M29DW128F NUMONYX-M29DW128F Datasheet
1Mb / 94P
128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
STMicroelectronics
M29DW128F60NF1 STMICROELECTRONICS-M29DW128F60NF1 Datasheet
756Kb / 94P
128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
26-Oct-2006
logo
Numonyx B.V
M29DW128F60NF1 NUMONYX-M29DW128F60NF1 Datasheet
1Mb / 94P
128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
STMicroelectronics
M29DW128F60NF1E STMICROELECTRONICS-M29DW128F60NF1E Datasheet
756Kb / 94P
128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
26-Oct-2006
More results

Similar Description - M29DW128F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
10-Dec-2004
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
2005-Dec-15
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
26-Oct-2006
logo
Numonyx B.V
M29DW128F NUMONYX-M29DW128F Datasheet
1Mb / 94P
128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com