Electronic Components Datasheet Search
  English  ▼

X  

KA080Q05 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KA080Q05
Description  Three-Terminal Positive Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KA080Q05 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KA080Q05 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KA080Q05 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
Typical Characteristics
SMD Type
IC
V
(V)
O
24
20
16
12
8
4
010
20
30
V
(V)
IN
Output Characteristics
I=0, T = 25
OJ
24
16
8
0
100
200
300
I(mA)
O
V
(V)
O
Load Characteristics
V
= 10V, T = 25
IN
J
0
50
100
150
T(
)
A
5
10
15
20
25
30
V
(V)
O
Thermal Shutdown
V
= 10V , I = 0mA
IN
O
I
(mA)
O
300
200
100
010
20
30
V
- V (V)
IN
O
Short Circuit Output Current
T= 25
J
I
(mA)
Q
6.0
5.0
4.0
3.0
2.0
1.0
010
20
30
V
(V)
IN
Quiescent Current vs Input Voltage
I = 0mA, TJ = 25
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com