Electronic Components Datasheet Search
  English  ▼

X  

TCF Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # TCF
Description  UL Class CF branch circuit time-delay CUBEFuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCF Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  TCF Datasheet HTML 1Page - Eaton All Rights Reserved. TCF Datasheet HTML 2Page - Eaton All Rights Reserved. TCF Datasheet HTML 3Page - Eaton All Rights Reserved. TCF Datasheet HTML 4Page - Eaton All Rights Reserved. TCF Datasheet HTML 5Page - Eaton All Rights Reserved. TCF Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 9000
Effective March 2019
UL Class CF branch circuit time-delay CUBEFuse
Eaton.com/bussmannseries
0.01
0.1
1
10
100
1000
CURRENT IN AMPS
100
1,000
,
10,000
100,000
B
A
250A
400A
225A
200A
110A
PROSPECTIVE SHORT CIRCUIT CURRENT
SYMMETRICAL RMS AMPS
110 to 400 A time-current characteristics — average melt
110 to 400 A current let-through curves
Up to 100 A time-current characteristics — average melt
Up to 100 A current let-through curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com