Electronic Components Datasheet Search
  English  ▼

X  

TCF10RN Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # TCF10RN
Description  UL Class CF branch circuit time-delay CUBEFuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCF10RN Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  TCF10RN Datasheet HTML 1Page - Eaton All Rights Reserved. TCF10RN Datasheet HTML 2Page - Eaton All Rights Reserved. TCF10RN Datasheet HTML 3Page - Eaton All Rights Reserved. TCF10RN Datasheet HTML 4Page - Eaton All Rights Reserved. TCF10RN Datasheet HTML 5Page - Eaton All Rights Reserved. TCF10RN Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 9000
Effective March 2019
UL Class CF branch circuit time-delay CUBEFuse
Eaton.com/bussmannseries
Features
•
Smallest installed footprint of any UL Class CC, J, or R fuse
solution
•
Easy application using CUBEFuse holders (TCFH_N), UL 98
Compact Circuit Protector (CCP2) switches and Compact Circuit
Protector Base (CCP2B up to 100 A). See data sheet 9007 for
details on the CUBEFuse holder, 10801 for details on the CCP2-_
CF switch and 1161 for the CCP2B.
•
Holders and switches have an amp rating rejection feature to help
prevent overfusing; 30, 60 and 100 A switches and holders will
hold any CUBEFuse up to its rating, 200 and 400 A switches and
200, 225 and 400 A holders will hold any CUBEFuse 110 A and
above up to its rating
•
UL Class CF with Class J time-delay electrical performance
•
Available in indicating and non-indicating versions
•
The indicating version features local
easyID™ open fuse
technology for faster troubleshooting and reduced downtime
•
Faster response to damaging faults helps reduce destructive
thermal and magnetic forces
•
True dual-element fuse construction with a minimum 10 seconds
time-delay at 500% of rating
•
Long time-delay minimizes nuisance openings caused by
temporary overloads and transient surges
•
Up to 300 kA interrupting rating safely interrupts virtually any fault
•
Robust cycling and inrush current withstand
•
Low let-through currents under fault conditions
•
Provides Type 2 “No Damage” protection for IEC motor starters
when properly sized
•
Easy selective coordination with any other Bussmann series
Low-Peak Class CC, J, L or RK1 fuse with simple 2:1 amp ratio
between upstream and downstream fuses
* Finger-safe status depends on final, installed application, and will require using
accessory shrouds for 110 to 400 A ratings.
Up to 30 A
35 to 60 A
70 to 100 A
110-225 A
250-400 A
Carton quantity and weight
Amp range
Carton qty.
Weight per carton lb (kg)
Up to 30
12
1.39 (0.63)
35-60
12
1.42 (0.64)
70-100
6
1.74 (0.79)
110 to 225
1
0.71 (0.32)
250 to 400
1
1.23 (0.56)
B
E
D
C
A
C
A
E
B
D
Fuse
amps
A
B
C
D
E
1-15
1.88 (48)
0.75 (19)
1.0 (25)
0.23 (6)
0.67 (17)
17-1/2
0.27 (7)
20
25-30
0.31 (8)
35-40
2.13 (54)
1.0 (25)
1.13 (29)
0.36 (9)
45-50
0.44 (11)
60
70
3.01 (76)
1.26 (32)
0.49 (12)
0.64 (16)
80-90
100
0.57 (14)
110
3.62 (92)
2.9 (74)
1.34 (34)
1.02 (26)
0.51 (13)
125
0.51 (13)
150
0.51 (13)
175
0.57 (14.5)
200
0.57 (14.5)
225
0.63 (16)
250
4.25 (108)
3.46 (88)
1.69 (43)
1.47 (36)
0.73 (18.5)
300
0.79 (20)
350
0.86 (21.5)
400
0.86 (21.5)
Dimensions — in (mm)
Up to 100 A
110 to 400 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com