Electronic Components Datasheet Search
  English  ▼

X  

TCF250RN Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # TCF250RN
Description  UL Class CF branch circuit time-delay CUBEFuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCF250RN Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  TCF250RN Datasheet HTML 1Page - Eaton All Rights Reserved. TCF250RN Datasheet HTML 2Page - Eaton All Rights Reserved. TCF250RN Datasheet HTML 3Page - Eaton All Rights Reserved. TCF250RN Datasheet HTML 4Page - Eaton All Rights Reserved. TCF250RN Datasheet HTML 5Page - Eaton All Rights Reserved. TCF250RN Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UL Class CF branch circuit time-delay CUBEFuse
2011/65/EU
Catalog symbols
•
TCF_ (indicating fuse, 6-400 A)
•
TCF_RN (non-indicating fuse, 1-400 A)
Description
The Bussmann™ series Low-Peak™ CUBEFuse™
is a UL® Class CF current-limiting, dual-element,
time-delay branch circuit fuse with Class J
electrical performance. Available in indicating and
non-indicating versions, this finger-safe fuse has
a very compact, space-saving size and is easily
applied using the CUBEFuse holder (TCFH_N), UL
98 Compact Circuit Protector switch (CCP2-_CF)
or Compact Circuit Protector Base (CCP2B up
to 100 A) used in the Quik-Spec™ Coordination
Panelboard).
Ratings
•
Volts
•
600 Vac
•
300 Vdc
•
Amps
•
6-400 A (indicating)
•
1-400 A (non-indicating)
•
Interrupting rating
•
300 kA RMS Sym. (Up to 100 A UL)
•
200 kA RMS Sym. (110 to 400 A UL)
•
200 kA RMS Sym. (Up to 100 A CSA)
•
100 kA DC (Up to 400 A UL and up to 100 A
CSA)
Electrical characteristics
•
10 seconds minimum operating time at 500%
rated current
Agency information
•
UL Listed Class CF fuse: Guide JDDZ, File
E4273 (up to 400 A)
•
CSA® Certified fuse: Class 1422-02,
File 053787_C_000 (up to 100 A)
•
CE (100 A and below)
•
RoHS compliant
Watts loss at rated current
Fuse amps
Watts
30
3.99
60
6.23
100
9.51
200
18.6
225
17.6
400
35.2
Operating and storage temperature range
•
-40 to 80°C (-40°F to 176°F)
Catalog numbers (amps)
Indicating CUBEFuse
TCF6
TCF35
TCF90
TCF225
TCF10
TCF40
TCF100
TCF250
TCF15
TCF45
TCF110
TCF300
TCF17-1/2
TCF50
TCF125
TCF350
TCF20
TCF60
TCF150
TCF400
TCF25
TCF70
TCF175
TCF30
TCF80
TCF200
Non-Indicating CUBEFuse
TCF1RN
TCF25RN
TCF70RN
TCF175RN
TCF3RN
TCF30RN
TCF80RN
TCF200RN
TCF6RN
TCF35RN
TCF90RN
TCF225RN
TCF10RN
TCF40RN
TCF100RN TCF250RN
TCF15RN
TCF45RN
TCF110RN TCF300RN
TCF17-1/2RN TCF50RN
TCF125RN TCF350RN
TCF20RN
TCF60RN
TCF150RN TCF400RN
Technical Data 9000
Effective March 2019
Supersedes January 2019
BUSSMANN
SERIES


Similar Part No. - TCF250RN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TCF250-100T MACOM-TCF250-100T Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
logo
Littelfuse
TCF250-100T LITTELFUSE-TCF250-100T Datasheet
327Kb / 22P
Telecommunications & Networking Devices
logo
Tyco Electronics
TCF250-120T MACOM-TCF250-120T Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
logo
Littelfuse
TCF250-120T LITTELFUSE-TCF250-120T Datasheet
327Kb / 22P
Telecommunications & Networking Devices
logo
Tyco Electronics
TCF250-145T MACOM-TCF250-145T Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
More results

Similar Description - TCF250RN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
Free Delay Time Setting Free Delay Time Setting
logo
Cooper Bussmann, Inc.
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
Class RK5, Dual-element, Time Delay
logo
Seiko Instruments Inc
S1003 SII-S1003 Datasheet
681Kb / 42P
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1004 SII-S1004 Datasheet
2Mb / 42P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
CUBEFuse??Compact Circuit Protector Base
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
Fast-acting UL Class CF CUBEFuse
TCFH-N EATON-TCFH-N Datasheet
1Mb / 6P
UL Class CF CUBEFuse holders
logo
Mitsumi Electronics, Co...
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
System Reset with Delay Time Circuit
logo
SG Micro Corp
SGM836 SGMICRO-SGM836 Datasheet
898Kb / 16P
Microprocessor Supervisory Circuit with Programmable Delay Time
APRIL2023-REV.A.3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com