Electronic Components Datasheet Search
  English  ▼

X  

NOS-150 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # NOS-150
Description  250 V NON/600 V NOS Class K5 and H fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

NOS-150 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  NOS-150 Datasheet HTML 1Page - Eaton All Rights Reserved. NOS-150 Datasheet HTML 2Page - Eaton All Rights Reserved. NOS-150 Datasheet HTML 3Page - Eaton All Rights Reserved. NOS-150 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1030
Effective June 2017
250 V NON/600 V NOS Class K5 and H fuses
Eaton.com/bussmannseries
Recommended fuse blocks
•
1-, 2- and 3-pole modular fuse blocks up to 600 amps — see data
sheet no. 10487
•
1-, 2- and 3-pole modular power distribution fuse blocks up to 60
amps — see data sheet no. 10490
Fuse reducers for Class R fuses
Equipment fuse clips
Desired fuse (case)
size
Catalog no. (pairs)
250V
60 A
30 A
NO.263
100 A
30 A
NO.213
60 A
NO.216
200 A
60 A
NO.226
100 A
NO.2621
400 A
100 A
NO.2641†
200 A
NO.2642
600 A
100 A
NO.2661†
200 A
NO.2662†
400 A
NO.2664†
† Not CSA certified.
For additional information on Class K5 & H fuse reducers, see data
sheet no. 1118.
NON time-current curves — average melt
300
100
10
1
0.1
0.01
CURRENT IN AMPS
AMP RATING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com