Electronic Components Datasheet Search
  English  ▼

X  

PACKBME Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACKBME
Description  KEYBOARD/MOUSE PORT INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACKBME Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACKBME Datasheet HTML 1Page - California Micro Devices Corp PACKBME Datasheet HTML 2Page - California Micro Devices Corp PACKBME Datasheet HTML 3Page - California Micro Devices Corp PACKBME Datasheet HTML 4Page - California Micro Devices Corp PACKBME Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
04/29/02
215 Topaz Street, Milpitas, California 95035
L Tel: (408) 263-3214 L Fax: (408) 263-7846 L www.calmicro.com
1
3$&.%0(
.H\ERDUG0RXVH3RUW ,QWHUIDFH
)HDWXUHV
‡
2QHNH\ERDUGRUPRXVHSRUWWHUPLQDWRU (0,ILOWHU
DQG WUDQVLHQWRYHUYROWDJH SURWHFWRU LQ DVLQJOH VXU
IDFHPRXQW SDFNDJH
‡
&RPSDFW627 SDFNDJH VDYHV ERDUG VSDFH
DQG ORZHUV PDQXIDFWXULQJ FRVWV ZKHQ FRPSDUHG WR
GLVFUHWH VROXWLRQV
‡
([FHOOHQW(6'SURWHFWLRQ,QV\VWHP SURWHFWLRQWR
N9 FRQWDFWGLVFKDUJHSHU ,(& ,QWHU
QDWLRQDO VWDQGDUG
$SSOLFDWLRQV
‡
(6' SURWHFWLRQDQGWHUPLQDWLRQRINH\ERDUG DQG
PRXVH SRUWV
3URGXFW 'HVFULSWLRQ
7KH 3$&.%0( LV D GXDOFKDQQHO NH\ERDUG RU PRXVH
SRUWWHUPLQDWLRQGHYLFH
7KH 3$&.%0( LQWHJUDWHV (0,5), ILOWHU FRPSRQHQWV
5 DQG & DQG DOVR LQFRUSRUDWHV WZR SXOOXS UHVLVWRUV
5 ,Q DGGLWLRQ LW SURYLGHV D YHU\ KLJK OHYHO RI SURWHF
WLRQ IRU VHQVLWLYH HOHFWURQLF FRPSRQHQWV WKDW PD\ EH
VXEMHFWHG WR HOHFWURVWDWLF GLVFKDUJH (6'  7KH ,2
SLQV DUH GHVLJQHG DQG FKDUDFWHUL]HG WR VDIHO\ GLVVLSDWH
(6' VWULNHV RI N9 ZHOO EH\RQG WKH PD[LPXP
UHTXLUHPHQWV VHW LQ WKH ,(&  LQWHUQDWLRQDO
VWDQGDUG
8VLQJ WKH 0,/67'' 0HWKRG  VSHFLILFDWLRQ
IRU +XPDQ %RG\ 0RGHO +%0 (6' WKH ,2 SLQV DQG
WKH 9'' SLQ DUH DOVR SURWHFWHG IRU FRQWDFW GLVFKDUJHV
RI N9
(OHFWULFDO 6FKHPDWLF
S)
NΩ
S)
'$7B287 
 '$7B,1
Ω
9 
 *1'
S)
Ω
S)
NΩ
&/.B287 
 &/.B,1


Similar Part No. - PACKBME

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACKBM CALMIRCO-PACKBM Datasheet
131Kb / 5P
KEYBOARD/MOUSE FILTER AND ESD PROTECTION CIRCUIT
PACKBMQ/R CALMIRCO-PACKBMQ/R Datasheet
131Kb / 5P
KEYBOARD/MOUSE FILTER AND ESD PROTECTION CIRCUIT
PACKBMU CALMIRCO-PACKBMU Datasheet
140Kb / 3P
KEYBOARD, MOUSE, AND USB FILTER AND PROTECTION MODULE
PACKBMUQ CALMIRCO-PACKBMUQ Datasheet
140Kb / 3P
KEYBOARD, MOUSE, AND USB FILTER AND PROTECTION MODULE
PACKBMUR CALMIRCO-PACKBMUR Datasheet
140Kb / 3P
KEYBOARD, MOUSE, AND USB FILTER AND PROTECTION MODULE
More results

Similar Description - PACKBME

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACKBM CALMIRCO-PACKBM Datasheet
131Kb / 5P
KEYBOARD/MOUSE FILTER AND ESD PROTECTION CIRCUIT
logo
Intel Corporation
8278 INTEL-8278 Datasheet
460Kb / 10P
PROGRAMMABLE KEYBOARD INTERFACE
logo
List of Unclassifed Man...
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
8051 Embedded USB/PS2 Keyboard/Mouse Controller
logo
Broadcom Corporation.
BCM2040 BOARDCOM-BCM2040 Datasheet
133Kb / 2P
SINGLE-CHIP BLUETOOTH MOUSE AND KEYBOARD
BCM2042 BOARDCOM-BCM2042 Datasheet
151Kb / 2P
SINGLE-CHIP BLUETOOTH MOUSE AND KEYBOARD
logo
Holtek Semiconductor In...
HT82K74E HOLTEK-HT82K74E Datasheet
348Kb / 56P
27MHz Keyboard/ Mouse TX 8-Bit MCU
December 15, 2009
logo
Bud Industries, Inc.
60-2361 BUD-60-2361 Datasheet
61Kb / 1P
KEYBOARD AND MOUSE SHELF ASSEMBLY
logo
Nanjing Qinheng Microel...
CH9329 WCH-CH9329 Datasheet
176Kb / 6P
Serial transfer HID keyboard mouse chip
CH9350 WCH-CH9350 Datasheet
244Kb / 14P
Keyboard mouse switch control chip
logo
NHP Electrical Engineer...
6189V-KBDEPC1U NHP-6189V-KBDEPC1U Datasheet
468Kb / 1P
IPC ACCS USB KEYBOARD/MOUSE 84KEY
8 June 2023,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com