Electronic Components Datasheet Search
  English  ▼

X  

2CL3512H Datasheet(PDF) 2 Page - SiPower Inc.

Part # 2CL3512H
Description  High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CL3512H Datasheet(HTML) 2 Page - SiPower Inc.

  2CL3512H Datasheet HTML 1Page - SiPower Inc. 2CL3512H Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.001
Safety Test
3mm Wide metal film is rolled on the surface
middle of diode body
1.Insulation Resistance Test:500V DC voltage is
added between A and B. The measurement by
insulation resistance meter is big than 1000M
.
2.Resistance To Voltage Strength Test: 15kV half-
sine wave voltage is added between A and B for
one minute and no breakdown or arc in insulation
oil.
Forward Characteristics
Reverse Characteristics
IF AV
Ta Derating
0
20
40
60
80
100
120
140
400
300
200
100
0
Breakdown Voltage Distribution
Characteristics(Typical)
0
3
6
9
12
15
400
300
200
100
0
0.01
1.0
0.1
0
3
6
9
12
15
18
VFM
V
Ta =25
Ta =25
2CL3509H
2CL3512H
2CL3512H
2CL3509H
12
14
16
18
20
22
24
26
100
80
60
40
20
0
Ta =25
IR=100
A
N=100pcs.
2CL3509H
2CL3512H
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology
2CL3509H
2CL3512H
High Voltage Diodes for Micro-Wave Oven
V(BR) kV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com