Electronic Components Datasheet Search
  English  ▼

X  

AC487 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC487
Description  10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AC487 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC487 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC487 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC487
10 TO 400 MHz
TO-8 CASCADABLE AMPLIFIER
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
TO-8 Package for Amplifiers
AC487
SPECIFICATIONS*
Typical Values
AC487
High Output Level . . . . . . . . . . . . . . . . . . . . . . . . .
+17.0 dBm
High Efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . .
33 mA Current Drain
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . .
+32 dBm
Wide Power Supply Range . . . . . . . . . . . . . . . . . .
5 to +15 Volts
High Performance Thin Film
Standard Size TO-8
Small Signal Gain (Min.)
15.5 dB
14.5 dB
14.0 dB
Gain Flatness (Max.)
< ±0.3 dB
±0.7 dB
±0.9 dB
Noise Figure (Max.)
3.6 dB
4.0 dB
4.5 dB
SWR (Max.)
Input
< 1.3:1
1.7:1
1.9:1
Output
< 1.7:1
2.0:1
2.0:1
Power Output (Min.)
@ 1dB comp.
+17.0 dBm
+15.5 dBm
+15.0 dBm
DC Current (Max.)
33 mA
36 mA
38 mA
Guaranteed
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
5-450 MHz
10-400 MHz
10-400 MHz
Typical @ 25° C
AC487
Second Order Harmonic Intercept Point . . . . . . . . . . . . . .
+50 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+44 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+32 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+105° C
Thermal Resistance1 (
θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
+48° C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
+25.7° C
1 Thermal resistance is based on total power dissipation.
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
AS487
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
0
50
Ω INPUT
0.250
(6.35)
0.450
(11.43)
0
0.075
(1.91)
0.350
(8.89)
0.200
(5.08)
0.450
(11.43)
50
Ω OUTPUT
0.040
± 0.012
(1.02
± 0.30)
(4) PLCS
DC BIAS
0.016
± 0.002
(0.41
± 0.05)
(4) PLCS
GND
0.050
(1.27)
(4) PLCS
0.100
(2.54)
(4) PLCS
0.010
(0.25)
0.008
± 0.001
(0.20
± 0.03)
0.170
(4.32)
(TYP.)
0.031
(0.79)
0.031
(0.79)
45
°
0.016
± 0.002
0.010
± 0.002
0.008
0.012
SEE
DETAIL "A"
DETAIL A
(NO SCALE)
SMTO-8 Package for Amplifiers
2/99
110
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2005/2006
DIMENSIONS ARE IN INCHES (MILLIMETERS)


Similar Part No. - AC487

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC487 TELEDYNE-AC487 Datasheet
175Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC487

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
10 TO 400 MHz CASCADABLE AMPLIFIER
A87-1 MACOM-A87-1 Datasheet
85Kb / 1P
10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
A51 MACOM-A51 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87 MACOM-A87 Datasheet
377Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A411 MACOM-A411_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A51 MA-COM-A51 Datasheet
156Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
A87 MA-COM-A87 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
A411 MA-COM-A411 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com