Electronic Components Datasheet Search
  English  ▼

X  

2CLG0218 Datasheet(PDF) 1 Page - SiPower Inc.

Part # 2CLG0218
Description  Fast Recovery High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CLG0218 Datasheet(HTML) 1 Page - SiPower Inc.

  2CLG0218 Datasheet HTML 1Page - SiPower Inc. 2CLG0218 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CLG0210~0218
Fast Recovery High Voltage Diodes
Features
Outline Dimensions and Mark
Supersmall size
Unit
mm
High reliability
High speed switching
Applications
Rectification for high voltage power supply of
color duplicating machine
Others
Limiting Values
Absolute Maximum Rating
Item
Symbol
Unit
2CLG0210 2CLG0212 2CLG0214 2CLG0216 2CLG0218
Repetitive Peak Reverse Voltage
VRRM
kV
10000
12000
14000
16000
18000
Non-Repetitive
Peak
Reverse
Voltage
VRSM
kV
10000
12000
14000
16000
18000
Average Forward Current
IF(AV)
mA
20
50HZ Half-sine wave, Resistance load, Ta=25
Surge(Non-repetitive)Forward
Current
IFSM
A
3
50HZ Half-sine wave,1cycle,Ta=25
Storage Temperature
Tstg
-40 ~ +150
Virtual Junction Temperature
T(vj)
150
Electrical Characteristics
Ta=25
Unless otherwise specified
Item
Symbol
Unit
Test Condition
Max
Peak Forward Voltage
VFM
V
IFM=10mA
40
IRRM1
Peak Reverse Current
IRRM2
A
VRM=VRRM Ta=25
5
Reverse Recovery Time
trr
s
IF=10mA IRM=10mA
0.15
Type
Code
Cathode Mark
2CLG0210
TG0210
2CLG0212
TG0212
2CLG0214
TG0214
2CLG0216
TG0216
2CLG0218
TG0218
0.6
0.03
3
0.2
12
0.2
26min
26min
Code
Cathode Mark
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology


Similar Part No. - 2CLG0218

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CLG100KV-0.1A GETEDZ-2CLG100KV-0.1A Datasheet
520Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG100KV-0.2A GETEDZ-2CLG100KV-0.2A Datasheet
520Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG100KV0.1A GETEDZ-2CLG100KV0.1A Datasheet
466Kb / 1P
0.1A 100kV 80nS--High voltage silicon rectifier stack
2CLG100KV0.2A GETEDZ-2CLG100KV0.2A Datasheet
466Kb / 1P
0.2A 100kV 80nS--High voltage silicon rectifier stack
logo
SiPower Inc.
2CLG1015 SIPOWER-2CLG1015 Datasheet
61Kb / 2P
High Voltage Diodes
More results

Similar Description - 2CLG0218

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
HVRP-1000-1C DEC-HVRP-1000-1C Datasheet
420Kb / 2P
HIGH VOLTAGE FAST RECOVERY DIODES
logo
SiPower Inc.
2CL70 SIPOWER-2CL70 Datasheet
67Kb / 2P
Fast Recovery High Voltage Diodes
2CL75 SIPOWER-2CL75 Datasheet
68Kb / 2P
Fast Recovery High Voltage Diodes
logo
Rectron Semiconductor
R8000H RECTRON-R8000H Datasheet
134Kb / 4P
Fast Recovery High Voltage Diodes
R10000H RECTRON-R10000H Datasheet
90Kb / 4P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL11 YFWDIODE-2CL11 Datasheet
560Kb / 3P
Fast Recovery High Voltage Diodes
2CL60 YFWDIODE-2CL60 Datasheet
400Kb / 2P
Fast recovery high voltage diodes
2CL72 YFWDIODE-2CL72 Datasheet
353Kb / 2P
Fast recovery high voltage diodes
DD1000 YFWDIODE-DD1000 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
DD900 YFWDIODE-DD900 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com