Electronic Components Datasheet Search
  English  ▼

X  

GPCLA1 Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPCLA1
Description  Low Power Sound Conttrollller Seriies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCLA1 Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPCLA1 Datasheet HTML 1Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 2Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 3Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 4Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 5Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 6Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 7Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 8Page - Generalplus Technology Inc. GPCLA1 Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
GPCL A1/B1 Series
© Generalplus Technology Inc.
Proprietary & Confidential
4
Sep. 15, 2015
Version: 1.0
5. GPCL A1/B1 FAMILY LIST
Body
GPCL170A1
GPCL128A1
GPCL112A1
GPCL096A1
GPCL040A1
GPCL030A1
GPCL020A1
GPCL010A1
Voice
Duration
170 Sec.
128 Sec.
112 Sec.
96 Sec.
40 Sec.
30 Sec.
20 Sec.
10 Sec.
Working
Voltage
1.0V~1.7V
(one-battery)
1.0V~1.7V
(one-battery)
1.0V~1.7V
(one-battery)
1.0V~1.7V
(one-battery)
1.0V~1.7V
(one-battery)
1.0V~1.7V
(one-battery)
1.0V~1.7V
(one-battery)
1.0V~1.7V
(one-battery)
RAM Size
128B
128B
128B
128B
128B
128B
128B
128B
ROM Size
512KB
384KB
352KB
288KB
128KB
96KB
64KB
32KB
Body
GPCL170B1
GPCL128B1
GPCL112B1
GPCL096B1
GPCL040B1
GPCL030B1
GPCL020B1
GPCL010B1
Voice
Duration
170 Sec.
128 Sec.
112 Sec.
96 Sec.
40 Sec.
30 Sec.
20 Sec.
10 Sec.
Working
Voltage
1.3V~3.6V
(two-battery)
1.3V~3.6V
(two-battery)
1.3V~3.6V
(two-battery)
1.3V~3.6V
(two-battery)
1.3V~3.6V
(two-battery)
1.3V~3.6V
(two-battery)
1.3V~3.6V
(two-battery)
1.3V~3.6V
(two-battery)
RAM Size
128B
128B
128B
128B
128B
128B
128B
128B
ROM Size
512KB
384KB
352KB
288KB
128KB
96KB
64KB
32KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com