Electronic Components Datasheet Search
  English  ▼

X  

GPES240B2 Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPES240B2
Description  Easy-to-use SOUNDPLUS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPES240B2 Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPES240B2 Datasheet HTML 4Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 5Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 6Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 7Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 8Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 9Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 10Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 11Page - Generalplus Technology Inc. GPES240B2 Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
GPES240B2
© Generalplus Technology Inc.
Proprietary & Confidential
8
JAN. 06, 2009
Version: 1.1
7. ELECTRICAL SPECIFICATIONS
7.1. Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0
to +60
℃℃
Storage Temperature
TSTO
-50
to +150
℃℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause operational errors or damage to the device.
For normal operational
conditions see AC/DC Electrical Characteristics.
7.2. DC Characteristics (VDD = 3.0V, TA = 25℃)
Limit
Characteristics
Symbol
Min
Typ
Max
Unit
Condition
Operating Voltage
VDD
1.9
-
5.5
V
-
LED2 - 1 Output Current
IOL
-
25
-
mA
VDD = 3.0V, VOUT = 1.0V
IOL
-
10
-
VDD = 3.0V, VOL = 1.0V
STOP5 - 0 Output Current
IOH
-
-3.5
-
mA
VDD = 3.0V, VOH = 2.0V
Standby Current
ISTBY
-
-
2.0
μA
VDD = 3.0V
Operating Current
IOP
-
1.7
-
mA
VDD = 3.0V, FCPU = 2.0MHz
No load
IOL
-
100
-
VDD = 3.0V, VOL = 1.0V
PWM Output Current
IOH
-
-100
-
mA
VDD = 3.0V, VOH = 2.0V
ROSC Resistor
ROSC
-
82
-
K
Ω
VDD = 3.0V, FOSC = 4.0MHZ
Input Current for TG4 - 1
IIN
-
1.8
-
μA
VDD = 3.0V, VIN = VSS
7.3. DC Characteristics (VDD = 4.5V, TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VDD
3.6
-
5.5
V
-
LED2 - 1 Output Current
IOL
-
30
-
mA
VDD = 4.5V, VOUT = 1.0V
IOL
-
15
-
VDD = 4.5V, VOL = 1.0V
STOP5 - 0 Output Current
IOH
-
-7
-
mA
VDD = 4.5V, VOH = 3.5V
Standby Current
ISTBY
-
-
2.0
μA
VDD = 4.5V
Operating Current
IOP
-
3.6
-
mA
VDD = 4.5V, FCPU = 2.0MHz
No load
IOL
-
130
-
VDD = 4.5V, VOL = 1.0V
PWM Output Current
IOH
-
-130
-
mA
VDD = 4.5V, VOH = 3.5V
ROSC Resistor
ROSC
-
56
-
K
Ω
VDD = 4.5V, FOSC = 6.0MHz
Input Current for TG4 - 1
IIN
-
4.4
-
μA
VDD = 4.5V, VIN = VSS
7.4. (3volt) R relative FOSC Table (the table is only for reference)
R(Kohm)
56K
Ω
82K
Ω
110K
Ω
FOSC
* (MHz)
6
4
3
NOTE*: FCPU=FOSC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com