Electronic Components Datasheet Search
  English  ▼

X  

GPF16064C Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPF16064C
Description  16-CHANNEL MIDI SYNTHESIZER PLAYBACK ONLY WITH 64K X 16 ROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF16064C Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPF16064C Datasheet HTML 1Page - Generalplus Technology Inc. GPF16064C Datasheet HTML 2Page - Generalplus Technology Inc. GPF16064C Datasheet HTML 3Page - Generalplus Technology Inc. GPF16064C Datasheet HTML 4Page - Generalplus Technology Inc. GPF16064C Datasheet HTML 5Page - Generalplus Technology Inc. GPF16064C Datasheet HTML 6Page - Generalplus Technology Inc. GPF16064C Datasheet HTML 7Page - Generalplus Technology Inc. GPF16064C Datasheet HTML 8Page - Generalplus Technology Inc. GPF16064C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GPF16064C
© Generalplus Technology Inc.
Proprietary & Confidential
4
MAY 10, 2007
Version: 1.2
4. SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Type
Description
VDD
4, 15, 35, 42
P
Digital Power input
VSS
3, 14, 32, 43
P
Digital Ground pin
AVDD
2, 27
P
Analog power input
AVSS
31, 54
P
Analog ground pin
IRQ1B
24
I
External IRQ 1
IRQ2B
23
I
External IRQ 2
RESET
25
I
System reset (Low active)
IOA[15:0]
5 - 22
I/O
GPIO A
IOB[15:0]
53 - 36
I/O
GPIO B
XTAL1
55
I
External crystal input, should be 6MHz
XTAL2
1
O
External crystal output
X32KI
33
I
External 32768Hz crystal input
X32KO
34
O
External 32768Hz crystal output
AUDL
28
O
Audio left channel output
AUDR
30
O
Audio right channel output
ADACVREF
29
I
Audio DAC reference voltage
TEST
26
I
Connected to GND for test mode, normally connected to VDD (test mode disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com