Electronic Components Datasheet Search
  English  ▼

X  

MMSTA13 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMSTA13
Description  NPN Surface Mount Darlington Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMSTA13 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMSTA13 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMSTA13 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMSTA13 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
1 Emitter
2Base
3 Collector
NPN Surface Mount Darlington Transistor
MMSTA13
Features
Epitaxial Planar Die Construction
Ideal for Medium Power Amplification and Switching
High Current Gain
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
300
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient
R JA
625
/W
Operating and Storage and Temperature Range
Tj,TSTG
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC = 100
A, IE =0
30
V
Collector Cutoff Current
ICBO
VCB = 30V, IE = 0
100
nA
Collector Cutoff Current
IEBO
VCE = 10V, IC = 0
100
nA
IC = 10mA, VCE = 5V
5,000
IC = 100mA, VCE =5V
10,000
Collector-Emitter Saturation Voltage
VCE(sat) IC = 100mA, IB = 100
A
1.5
V
Base-Emitter Saturation Voltage
VBE(sat) IC = 100mA,VCE=5.0V
2.0
V
Output Capacitance
Cobo
VCB = 10V, f = 1.0MHz, IE =0
8.1
pF
Input Capacitance
Cibo
VEB = 0.5V,f= 1.0MHz,IC = 0
15
pF
Current Gain-Bandwidth Product
fT
VCE =5.0V, IC =10mA,f = 100MHz
125
MHz
DC Current Gain
hFE
Marking
Marking
K2D


Similar Part No. - MMSTA13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSTA13 DIODES-MMSTA13 Datasheet
37Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30165 Rev. B-1
MMSTA13 DIODES-MMSTA13 Datasheet
88Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30165 Rev. 8 - 2
MMSTA13 DIODES-MMSTA13 Datasheet
117Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 9 - 2
logo
Rohm
MMSTA13 ROHM-MMSTA13 Datasheet
50Kb / 2P
NPN small signal transistor
MMSTA13 ROHM-MMSTA13 Datasheet
138Kb / 3P
NPN small signal transistor
More results

Similar Description - MMSTA13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
62Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 2 - 2
MMBT6427 DIODES-MMBT6427_1 Datasheet
166Kb / 4P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 8 - 2
MMST6427 DIODES-MMST6427_1 Datasheet
360Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 9 - 2
MMST6427 DIODES-MMST6427_2 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
MMBTA28 DIODES-MMBTA28_2 Datasheet
110Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
logo
Micro Commercial Compon...
MMBTA28 MCC-MMBTA28 Datasheet
220Kb / 4P
NPN Surface Mount Darlington Transistor
logo
Diodes Incorporated
MMBTA13 DIODES-MMBTA13_15 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 11
MMSTA13 DIODES-MMSTA13_15 Datasheet
117Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 9
logo
Micro Commercial Compon...
BCV47 MCC-BCV47 Datasheet
381Kb / 4P
NPN Surface Mount Darlington Transistor
MMBTA28 MCC-MMBTA28_15 Datasheet
855Kb / 4P
NPN Surface Mount Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com