Electronic Components Datasheet Search
  English  ▼

X  

MP1482 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MP1482
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MP1482 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  MP1482 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MP1482 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MP1482 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd MP1482 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Startup through Enable
VIN = 12V, VOUT = 3.3V
IOUT = 1A (Resistance Load)
Shutdown through Enable
VIN = 12V, VOUT = 3.3V
IOUT = 1A (Resistance Load)
Light Load Operation
Medium Load Operation
Load Transient
Steady State Test
VIN = 12V, VOUT = 3.3V
IOUT = 0A, IIN= 8.2mA
Heavy Load Operation
Short Circuit
Recovery
Short Circuit
Protection
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
VIN
20mV/div.
VOUT
20mV/div.
VSW
10V/div.
IL
1A/div.
VOUT
2V/div.
IL
2A/div.
VOUT
2V/div.
IL
2A/div.
VOUT
200mV/div.
ILOAD
1A/div.
IL
1A/div.
VIN, AC
200mV/div.
VO, AC
20mV/div.
VSW
10V/div.
IL
1A/div.
VIN, AC
200mV/div.
VO, AC
20mV/div.
VSW
10V/div.
IL
1A/div.
VIN, AC
20mV/div.
VO, AC
20mV/div.
VSW
10V/div.
IL
1A/div.
2ms/div.
2ms/div.
2A Load
1A Load
No Load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com