Electronic Components Datasheet Search
  English  ▼

X  

NDT06N02 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # NDT06N02
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

NDT06N02 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  NDT06N02 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd NDT06N02 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd NDT06N02 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd NDT06N02 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd NDT06N02 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel MOSFET
NDT06N02
■
Typical Characterisitics
Sour ce-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Source-to-Drain Voltage (V)
1
0.01
0.001
0.1
10
100
T J = 25 °C
T J = 150 °C
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
ID = 5 mA
On-Resistan ce vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.000
0.002
0.004
0.006
0.008
0.010
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to-Source Voltage (V)
T J = 2 5 °C
T J = 125 °C
0
40
80
120
160
200
0
1
1
1
0 0 .
0
0.01
Time (s)
0.1
Safe Oper ating Area, Junction-to-Ambient
0.01
100
1
100
0.01
0.1
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
1 ms
10 ms
100 ms
0.1
1
10
10
TA = 25 °C
Single Pulse
Limited by RDS(on)*
1 s
DC
10 s
BVDSS
Limited
Current Derating*
0
34
68
102
136
170
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Package Limited



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com