Electronic Components Datasheet Search
  English  ▼

X  

CS5334 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5334
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5334 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5334 Datasheet HTML 11Page - Cirrus Logic CS5334 Datasheet HTML 12Page - Cirrus Logic CS5334 Datasheet HTML 13Page - Cirrus Logic CS5334 Datasheet HTML 14Page - Cirrus Logic CS5334 Datasheet HTML 15Page - Cirrus Logic CS5334 Datasheet HTML 16Page - Cirrus Logic CS5334 Datasheet HTML 17Page - Cirrus Logic CS5334 Datasheet HTML 18Page - Cirrus Logic CS5334 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Digital Inputs
MCLK - Master Clock, Pin 7.
Clock source for the delta-sigma modulator sampling and digital filters.
In Master Mode, the frequency of this clock must be 256
× the output sample rate, Fs.
In Slave Mode, the frequency of this clock must be either 256
×, 384× or 512× Fs.
DIF0, DIF1 - Digital Interface Format, Pins 19 and 20.
These two pins select one of 3 digital interface formats or power-down. The format determines
the relationship between SCLK, LRCK and SDATA. The formats are detailed in Figures 3-5.
RST - Reset, Pin 18.
A low logic level on this pin activates Reset.
HP DEFEAT - High Pass Filter Defeat, Pin 1.
A high logic level on this pin disables the digital high pass filter. A low logic level on this pin
enables the high pass filter.
PU - Peak Update, Pin 11.
Transfers the Peak Signal Level contents of the Active Registers to the Output Registers on a
high to low transition on this pin. This transition will also reset the Active register.
Digital Inputs / Outputs
LRCK - Left/Right Clock, Pin 12.
LRCK determines which channel, left or right, is to be output on SDATA. The relationship
between LRCK, SCLK and SDATA is controlled by DIF0 and DIF1. Although the outputs for
each channel are transmitted at different times, Left/Right pairs represent simultaneously
sampled analog inputs. In Master Mode, LRCK is an output clock whose frequency is equal to
the output sample rate, Fs. In Slave Mode, LRCK is an input clock whose frequency must be
equal to Fs.
SCLK - Serial Data Clock, Pin 8.
Clocks the individual bits of the serial data out from the SDATA pin. The relationship between
LRCK, SCLK and SDATA is controlled by DIF0 and DIF1.
In Master Mode, SCLK is an output clock with a frequency of 64x the output sample rate, Fs.
In Slave Mode, SCLK is an input.
Digital Outputs
SDATA - Serial Data Output, Pin 9.
Two’s complement MSB-first serial data of 20 bits is output on this pin. Included in the serial
data output is the 8-bit Input Signal Level Bits. The data is clocked out via the SCLK clock and
the channel is determined by LRCK. The relationship between LRCK, SCLK and SDATA is
controlled by DIF0 and DIF1.
CS5334 CS5335
DS237PP2
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com