Electronic Components Datasheet Search
  English  ▼

X  

ATC Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # ATC
Description  Blade fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ATC Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  ATC Datasheet HTML 1Page - Eaton All Rights Reserved. ATC Datasheet HTML 2Page - Eaton All Rights Reserved. ATC Datasheet HTML 3Page - Eaton All Rights Reserved. ATC Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 2009
Effective December 2015
Supersedes October 2014
Product description:
A range of UL® Recognized fast-acting ATC
blade fuses for automotive and low-voltage
control circuits.
Featuring the same form, fit, and electrical
and performance characteristics, ATC fuses
are available in a variety of housing materials
specific to orderable catalog numbers to meet
application needs.
Features and benefits:
•
Industry standard color coding for quick
identification of amp rating
•
Tin-plated zinc terminals for corrosion
resistance and enhanced conductivity
•
UL Recognized for use in low voltage control
circuits
•
Wide -40°C to +100°C operating temperature
range meets the needs of extreme
environments
•
Lead free, halogen free and RoHS complaint
•
Test points on specific part/package numbers
may speed up circuit troubleshooting
ATC
Blade fuses
BUSSMANN
SERIES


Similar Part No. - ATC

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ATC ASTRODYNE-ATC Datasheet
244Kb / 3P
10 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
ATC ARCH-ATC Datasheet
401Kb / 5P
AC-DC Power Module
logo
M-System Co.,Ltd.
ATC MSYSTEM-ATC Datasheet
134Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
logo
YAGEO Corporation
ATC YAGEO-ATC Datasheet
1Mb / 7P
Miniature, High power, Wirewound ATC Series
August 31, 2023 V.1
logo
M-System Co.,Ltd.
ATC-0111-B MSYSTEM-ATC-0111-B Datasheet
134Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
More results

Similar Description - ATC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ATC-1 COOPER-ATC-1 Datasheet
211Kb / 1P
Automotive Blade Fuses
ATM-3 COOPER-ATM-3 Datasheet
83Kb / 1P
Blade-Type Fuses
ATM-4 COOPER-ATM-4 Datasheet
83Kb / 1P
Blade-Type Fuses
logo
Littelfuse
142.6185.5406 LITTELFUSE-142.6185.5406 Datasheet
290Kb / 2P
Blade Fuses
0257030.PXPV LITTELFUSE-0257030.PXPV Datasheet
175Kb / 2P
Blade Fuses
0999030.ZXN LITTELFUSE-0999030.ZXN Datasheet
255Kb / 2P
Blade Fuses
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
ATC Blade Fuses
ATC-1 COOPER-ATC-1_15 Datasheet
477Kb / 4P
Blade fuses
MAX-20 COOPER-MAX-20 Datasheet
78Kb / 1P
Blade-Type Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com