Electronic Components Datasheet Search
  English  ▼

X  

DS2751E/T Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2751E/T
Description  Multichemistry Fuel Garge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2751E/T Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2751E/T Datasheet HTML 9Page - Maxim Integrated Products DS2751E/T Datasheet HTML 10Page - Maxim Integrated Products DS2751E/T Datasheet HTML 11Page - Maxim Integrated Products DS2751E/T Datasheet HTML 12Page - Maxim Integrated Products DS2751E/T Datasheet HTML 13Page - Maxim Integrated Products DS2751E/T Datasheet HTML 14Page - Maxim Integrated Products DS2751E/T Datasheet HTML 15Page - Maxim Integrated Products DS2751E/T Datasheet HTML 16Page - Maxim Integrated Products DS2751E/T Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DS2751
13 of 19
POR—POR Indicator bit. This bit is set to a 1 when the DS2751 experiences a power-on-reset (POR)
event. To use the POR bit to detect a power-on-reset, the POR bit must be set to a 0 by the host system
upon power-up and after each subsequent occurrence of a POR.
PIO—PIO Pin Sense and Control. See the Programmable I/O section for details on this read/write bit.
X—Reserved Bits.
1-WIRE BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. A multidrop bus is a 1-
Wire bus with multiple slaves. A single-drop bus has only one slave device. In all instances, the DS2751
is a slave device. The bus master is typically a microprocessor in the host system. The discussion of this
bus system consists of four topics: 64-Bit Net Address, Hardware Configuration, Transaction Sequence,
and 1-Wire Signaling.
64-BIT NET ADDRESS
Each DS2751 has a unique, factory-programmed 1-Wire net address that is 64 bits in length. The first 8
bits are the 1-Wire family code (51h for DS2751). The next 48 bits are a unique serial number. The last 8
bits are a CRC of the first 56 bits (see Figure 11). The 64-bit net address and the 1-Wire I/O circuitry built
into the device enable the DS2751 to communicate through the 1-Wire protocol detailed in the 1-Wire
Bus System section of this data sheet.
Figure 11. 1-WIRE NET ADDRESS FORMAT
8-Bit CRC
48-Bit Serial Number
8-Bit Family
Code (51h)
MSb
LSb
CRC GENERATION
The DS2751 has an 8-bit CRC stored in the most significant byte of its 1-Wire net address. To ensure
error-free transmission of the address, the host system can compute a CRC value from the first 56 bits of
the address and compare it to the CRC from the DS2751. The host system is responsible for verifying the
CRC value and taking action as a result. The DS2751 does not compare CRC values and does not prevent
a command sequence from proceeding as a result of a CRC mismatch. Proper use of the CRC can result
in a communication channel with a very high level of integrity.
The CRC can be generated by the host using a circuit consisting of a Shift Register and XOR gates as
shown in Figure 12, or it can be generated in software. Additional information about the Dallas 1-Wire
CRC is available in Application Note 27: Understanding and Using Cyclic Redundancy Checks with
Dallas Semiconductor Touch Memory Products.
In the circuit in Figure 12, the shift bits are initialized to 0. Then, starting with the least significant bit of
the family code, one bit at a time is shifted in. After the 8th bit of the family code has been entered, then
the serial number is entered. After the 48th bit of the serial number has been entered, the Shift Register
contains the CRC value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com