Electronic Components Datasheet Search
  English  ▼

X  

ESD Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # ESD
Description  ESD BS88 Offset blade tags
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ESD Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  ESD Datasheet HTML 1Page - Eaton All Rights Reserved. ESD Datasheet HTML 2Page - Eaton All Rights Reserved. ESD Datasheet HTML 3Page - Eaton All Rights Reserved. ESD Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4101
Effective June 2015
Supersedes March 2014
Product description
Eaton’s Bussmann series range of British
Standard fuse links size F2 is specifically
designed for the protection of general industrial
applications e.g. power distribution and cable
protection.
Standard features
•
Good peak let-through current limitation
•
1:1:6 Selective coordination ratio between
“minor” and “major” fuse
•
Power loss values well within the limits of
IEC 60269
Bussmann series
ESD BS88 Offset blade tags
BUSSMANN
SERIES


Similar Part No. - ESD

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
logo
Nexperia B.V. All right...
ESD NEXPERIA-ESD Datasheet
1Mb / 2P
TrEOS ESD protection for Automotive Infotainment & SerDes
April 2021
logo
AG Electronica
ESD-00 AGELECTRONICA-ESD-00 Datasheet
272Kb / 1P
PINCETA ANTIESTATICA DE FIBRA DE CARBONO
15/05/2023
ESD-10 AGELECTRONICA-ESD-10 Datasheet
268Kb / 1P
PINCETA DE PUNTA DE ACERO INOXIDABLE ANTIESTATICA 110MM
14/11/2022
ESD-11 AGELECTRONICA-ESD-11 Datasheet
292Kb / 2P
PINCETA RECTA ANTIESTATICA DE PRECISION
16/05/2023
More results

Similar Description - ESD

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
BS88 Joint Service Fuse Links
NSD2 COOPER-NSD2_15 Datasheet
81Kb / 4P
NSD BS88 Offset blade tags
GG710 COOPER-GG710_15 Datasheet
165Kb / 3P
GG BS88 Centre bolted tags
GF710 COOPER-GF710_15 Datasheet
152Kb / 3P
GF BS88 Centre bolted tags
FG450 COOPER-FG450_15 Datasheet
83Kb / 3P
FG BS88 Centre bolted tags fuse links
FF450 COOPER-FF450 Datasheet
155Kb / 3P
FF BS88 Centre bolted tags
ESD2 COOPER-ESD2_15 Datasheet
88Kb / 4P
ESD BS88 Offset blade tags
logo
List of Unclassifed Man...
GF710 ETC1-GF710 Datasheet
152Kb / 3P
GF BS88 Centre bolted tags
logo
Eaton All Rights Reserv...
CEO EATON-CEO Datasheet
247Kb / 4P
CEO BS88 Offset bolted tags
logo
Bel Fuse Inc.
0AFG BEL-0AFG Datasheet
505Kb / 3P
240V, BS88‐4 Semiconductor Fuse
Rev. 0AFG Dec17 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com