Electronic Components Datasheet Search
  English  ▼

X  

HPV Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HPV
Description  HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HPV Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HPV Datasheet HTML 1Page - Eaton All Rights Reserved. HPV Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly:
1-20 A, 1000 Vdc / 4 A, 1500 Vdc
Technical Data 2157
Effective August 2018
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2018 Eaton
All Rights Reserved
Printed in USA
Publication No. 2157 — BU-SB14182
August 2018
Eaton, and Bussmann are valuable trademarks
of Eaton in the U.S. and other countries. You
are not permitted to use the Eaton trademarks
without prior written consent of Eaton.
CSA is a registered trademark of the Canadian
Standards Group.
Sta-Kon is a registered trademark of Thomas
& Betts.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are
by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once
a product has been selected, it should be tested by the user in all possible applications.
Dimensions - mm:
13.1±1.0
56.9±1.0
11.1±0.7
29.0±1.0
89.5±1.0
13.1±1.0
15.2±0.7
27.6±1.0
(13.3 ref.)
(76.00 ref.)
(135 ref.)
Estimated total length
after fully assembled
Inner insulating boot
Outer insulating boot
Fuse element
Catalog number system:
Amps
XX = 1, 2, 2.5, 3, 3.5, 4,
5, 6, 8, 10, 12, 15, 20
Voltage
DV = 1000 DC volts 1- 20 A
D15V = 1500 DC volts 4 A only)
HPV - DV - XXA
Series
HPV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com