Electronic Components Datasheet Search
  English  ▼

X  

OL3392L Datasheet(PDF) 2 Page - OKI electronic componets

Part # OL3392L
Description  1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL3392L Datasheet(HTML) 2 Page - OKI electronic componets

  OL3392L Datasheet HTML 1Page - OKI electronic componets OL3392L Datasheet HTML 2Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s OL3392L s –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
2
OKI SEMICONDUCTOR
ELECTRICAL CHARACTERISTICS
1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Absolute Maximum Ratings [1]
Parameter
Symbol
Rating
Unit
Fiber Output Power
Pf
2.4
mW
Laser Diode Forward Current
If(LD)
150
mA
Laser Diode Reverse Voltage
Vr(LD)
2
V
Photo Diode Forward Current
If(PD)
10
mA
Photo Diode Reverse Voltage
Vr(PD)
15
V
Operating Temperature
Topr
0 to +65
°C
Storage Temperature
Tstg
-40 to +85
°C
Recommended Operating Conditions (TA = 25 °C)
Parameter
Symbol
Condition
Rated Value
Unit
Min
Typ
Max
Threshold Current
Ith
–
–
20
40
mA
Fiber Output Power
Pf
If = Ith + 20 mA
1
–
–
mW
Forward Voltage
Vf
If = 30 mA
–
1.0
1.5
V
Peak Wavelength
λ
p
Pf = 1 mW
1290
1310
1330
nm
Side Mode Suppression Ratio
SMSR
Pf = 1 mW
30
–
–
dB
Relative Intensity Noise
RIN
f = 1 GHz, Pf = 1 mW
–
–
-120
dB/Hz
Rise Time
τ
r
Ibias = Ith
Pf = 1 mW,10-90%
–
0.3
–
ns
Fall Time
τ
f
–
0.5
–
ns
PD Dark Current
Idark
Vr(PD) = 5 V
–
–
1
µA
Monitor Current
Im
Pf = 1 mW, Vr(PD) = 5 V
70
–
–
µA
PD Capacitance
Ct
Vr(PD) = 5 V, f = 1 MHz
–
15
–
pF
FIber Pigtail Specifications
Parameter
Rated Value
Unit
Type
SM
–
Mode Field Diameter
10
±1
µm
Cladding Diameter
125
±2
µm
Jacket Diameter
900
µm
Length
1 (Min.)
m
Connector
FC
–



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com