Electronic Components Datasheet Search
  English  ▼

X  

PVM-20 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # PVM-20
Description  PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PVM-20 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  PVM-20 Datasheet HTML 1Page - Eaton All Rights Reserved. PVM-20 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2153
Effective January 2017
Supersedes August 2015
PVM fast-acting 13⁄32˝ x 1-1⁄2˝ (10x38 mm)
600 Vdc photovoltaic fuses
Catalog symbol:
•
PVM-(amp)
Description:
A range of fast-acting UL 248-19 600 Vdc 13/32” x
1-1/2” (10x38 mm) fuses specifically designed to
protect solar power systems in extreme ambient
temperature, high cycling and low level fault
current conditions (reverse current, multi-array
fault).
Specifications:
Ratings
•
Volts 600Vdc to UL 248-19
•
Amps 4 - 30A
•
IR 50 kA DC (4-30A)
Electrical characteristics
Catalog
number
Amp rating
Power loss (watts)
0.8 x I
n
1.0 x I
n
PVM-10
10
1.04
1.86
PVM-15
15
1.00
1.72
PVM-30
30
1.65
2.91
Agency information
•
UL® Listed, 248-19, Guide JFGA, File E335324
•
CSA® Component Certified C22.2
•
RoHS compliant
Catalog numbers (amps)
PVM-4
PVM-7
PVM-10
PVM-20
PVM-5
PVM-8
PVM-12
PVM-25
PVM-6
PVM-9
PVM-15
PVM-30
Dimensions:
Typical applications:
•
Combiner boxes
•
Inverters
•
Solar strings
Recommended fuse blocks / holders:
Catalog
symbol
Description
Doc no.
CHM
600 V DIN-Rail fuse holder
3185
CHPV
1000 V DIN-Rail fuse holder
3185
BPVM
1000 V modular blocks
10625
BMM
600 V modular blocks
10241
HEB
600 V In-Line fuse holder
2127
1A3400-_
PCB fuseclip
2131
1.5”
±0.031
(38.1mm)
0.407”
±0.005
(10.3mm)


Similar Part No. - PVM-20

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PVM-20 COOPER-PVM-20 Datasheet
622Kb / 2P
PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
Sony Corporation
PVM-20L1 SONY-PVM-20L1 Datasheet
3Mb / 76P
TRINITRON® COLOR VIDEO MONITOR
More results

Similar Description - PVM-20

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
KLM-1 COOPER-KLM-1_15 Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
PVM-10 COOPER-PVM-10 Datasheet
622Kb / 2P
PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
KLM EATON-KLM Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com