Electronic Components Datasheet Search
  English  ▼

X  

GPC11501C Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPC11501C
Description  512KB Sound Controller (OTP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC11501C Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPC11501C Datasheet HTML 1Page - Generalplus Technology Inc. GPC11501C Datasheet HTML 2Page - Generalplus Technology Inc. GPC11501C Datasheet HTML 3Page - Generalplus Technology Inc. GPC11501C Datasheet HTML 4Page - Generalplus Technology Inc. GPC11501C Datasheet HTML 5Page - Generalplus Technology Inc. GPC11501C Datasheet HTML 6Page - Generalplus Technology Inc. GPC11501C Datasheet HTML 7Page - Generalplus Technology Inc. GPC11501C Datasheet HTML 8Page - Generalplus Technology Inc. GPC11501C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GPC11501C
© Generalplus Technology Inc.
Proprietary & Confidential
4
May 08, 2014
Version: 1.7
5. SIGNAL DESCRIPTIONS
Mnemonic
PIN No
LQFP 44
Package No
Type
Description
VDD1
1
1
I
Digital Power Pad
VSS1
10
10
I
Digital Ground
VDD2
19
22
I
Digital Power Pad
VSS2
15
18
I
Digital Ground
VDD3
20
23
I
Digital Power Pad
VSS3
37
38
I
Digital Ground
VPP
38
40
I
High voltage input for EPROM programming use, keep it floating in
normal run.
V30_REG
39
41
O
3.3v Regulator output Power Pad
Need connect it with one 10uF capacitor to Ground.
V50_REG
40
42
I
Regulator Power Pad
VSS_REG
41
43
I
Regulator Ground
EPM
42
44
I
Connect it to VDD during OTP programming cycle, keep it floating
in normal run.
PVDD
12
12
I
PWM Power Pad
PVSS
13
13
I
PWM Ground
CI
18
21
I
ROSC Resistor input (Resistor must be connected to VDD)
RESB
17
20
I
Reset pin, active low to reset whole system
TEST
16
19
I
Test pin, NC
AUDP
14
17
O
Audio output
AUDN
11
11
O
Audio output
IOB0
IOB1
IOB2
IOB3
IOB4
IOB5
IOB6
IOB7
21
22
23
24
25
26
27
28
-
-
-
-
24
25
26
27
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Nibble-controlled programmable I/O pins
In input mode, port B can be either pure or pull-low states. In
output mode, port B can be buffer.
IOC0
IOC1
IOC2
IOC3
IOC4
IOC5
IOC6
IOC7
29
30
31
32
33
34
35
36
28
29
30
31
32
33
34
35
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Nibble-controlled programmable I/O pins
In input mode, port C can be either pure or pull-low states. In
output mode, port C can be buffer.
IOC[3:0] can drive high brightness LED
IOD0
IOD1
IOD2
IOD3
IOD4
IOD5
IOD6
IOD7
2
3
4
5
6
7
8
9
2
3
4
5
6
7
8
9
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Bit-controlled programmable I/O pins
In input mode, port D can be either pure or pull-low states
In output mode, port D can be buffer
Port D are the key wakeup I/O pins
IOD4: feedback input of clock generator
IOD5: feedback output of clock generator
IOD6: external interrupt
IOD7: IR transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com