Electronic Components Datasheet Search
  English  ▼

X  

OL392L Datasheet(PDF) 3 Page - OKI electronic componets

Part # OL392L
Description  1.3 關m Coaxial DFB Laser Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL392L Datasheet(HTML) 3 Page - OKI electronic componets

  OL392L Datasheet HTML 1Page - OKI electronic componets OL392L Datasheet HTML 2Page - OKI electronic componets OL392L Datasheet HTML 3Page - OKI electronic componets OL392L Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
LASER DIODES
OL392L, OL3492L
Parameter
Symbol
Ratings
Unit
Fiber Output
LD Forward Current
Operating Temperature
Storage Temperature
Pf
IF (LD)
Topr
Tstg
2mW
150
mA
0 to +65
°C
–40 to +85
°C
PD Reverse Voltage
VR (PD)
20
V
PD Forward Current
IF (PD)
10
mA
Test Conditions
—
—
Ta=25°C
ABSOLUTE MAXIMUM RATINGS
OPTICAL AND ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Unit
Threshold Current
Fiber Output Power
Peak Wavelength
Ith
Pf
lp
—mA
1mW
1280
nm
(Ta=25°C)
Typ.
20
—
1310
Max.
40
—
1340
Test Conditions
—
IF=Ith+20 mA
Pf=1 mW
Side Mode Suppresion Ratio
SMSR
30
dB
——
Pf=1 mW
Rise Time
tr
—ns
—
0.5
Ibias=Ith
Fall Time
tf
—ns
—
0.5
Pf=1 mW, 10% to 90%
Forward Voltage
VF
—V
1.1
1.5
Pf=1 mW
PD Dark Current
IDARK
—nA
0.5
20
VR(PD)=5 V
Monitor Current
Im
70
mA
——
VR(PD)=5 V, Pf=1 mW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com