Electronic Components Datasheet Search
  English  ▼

X  

ML9209 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML9209
Description  Vacuum fluorescent display tube controller driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9209 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML9209 Datasheet HTML 7Page - OKI electronic componets ML9209 Datasheet HTML 8Page - OKI electronic componets ML9209 Datasheet HTML 9Page - OKI electronic componets ML9209 Datasheet HTML 10Page - OKI electronic componets ML9209 Datasheet HTML 11Page - OKI electronic componets ML9209 Datasheet HTML 12Page - OKI electronic componets ML9209 Datasheet HTML 13Page - OKI electronic componets ML9209 Datasheet HTML 14Page - OKI electronic componets ML9209 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
FEDL9209-01
OKI Semiconductor
ML9209-xx
11/29
FUNCTIONAL DESCRIPTION
Command List
Command
LSB
First byte
MSB LSB
Second byte
MSB
B0 B1 B2 B3 B4 B5 B6 B7 B0 B1
B2
B3
B4
B5
B6
B7
1
DCRAM data write
X0 X1 X2 X3
1
0
0
0
C0 C1
C2
C3
C4
C5
C6
C7
C0 C1
C2
C3
C4
C5
C6
C7
2nd byte
2
CGRAM data write
X0 X1 X2 X3
0
1
0
0
C8 C9 C10 C11 C12 C13 C14 C15 3rd byte
3
ADRAM data write
X
0
X
1
X
2
X
3
1
1
0
0
C0 C1
*
*
*
*
*
*
5
Display duty set
D0 D1 D2 D3
1
0
1
0
6
Number of digits set
K0 K1 K2 K3
0
1
1
0
7
All display lights
ON/OFF
L
H
*
*
1
1
1
0
Others (test mode)
*
: Don’t care
Xn : Address setting for each RAM
Cn : Character code setting for each RAM
Dn : Display duty setting
Kn : Setting of the number of display digits
H
: All display lights ON setting
L
: All display lights OFF setting
When data is written to RAM (DCRAM, CGRAM, and ADRAM) continuously, addresses are internally
incremented automatically.
Therefore it is not necessary to specify the 1st byte to write RAM data for the 2nd
and subsequent bytes.
Note: The test mode is used for inspection before shipment.
It is not a user function.
Positional Relationship Between SEGn and ADn (one digit)
SEG1
C0
SEG2
C1
C4
SEG5
C5
SEG6
C14
SEG15
C10
SEG11
C11
SEG12
C13
SEG14
C9
SEG10
C15
SEG16
C0–7: Corresponds to the 2nd byte of the CGRAM data write
command.
C8–15: Corresponds to the 3rd byte of the CGRAM data write command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com