Electronic Components Datasheet Search
  English  ▼

X  

KXF2955 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KXF2955
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KXF2955 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KXF2955 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KXF2955 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KXF2955 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KXF2955 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KXF2955 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
KXF2955
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-60
V
VDS=-48V, VGS=0V
1
VDS=-48V, VGS=0V, TJ=70℃
25
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-1
-2.5
V
VGS=-10V, ID=-3A
100
VGS=-4.5V, ID=-2.7A
120
Forward Transconductance
gFS
VDS=-5V, ID=-3A
5.8
S
Input Capacitance
Ciss
929
Output Capacitance
Coss
48
Reverse Transfer Capacitance
Crss
33
Total Gate Charge
Qg
14
Gate Source Charge
Qgs
3
Gate Drain Charge
Qgd
3.4
Turn-On DelayTime
td(on)
10
Turn-On Rise Time
tr
22
Turn-Off DelayTime
td(off)
27
Turn-Off Fall Time
tf
14
Body Diode Reverse Recovery Time
trr
12
Body Diode Reverse Recovery Charge
Qrr
7
nC
Maximum Body-Diode Continuous Current
IS
-3.5
Body-Diode Pulsed Current
ISM
-20
Diode Forward Voltage
VSD
IS=-2A,VGS=0V
-1.2
V
VGS=0V, VDS=-30V, f=1MHz
VGS=-10V, VDS=-30V, ID=-3.5A
IF=-2A, VGS=0V, dI/dt=100A/μs
A
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
uA
mΩ
VGS=-10V, VDS=-30V, ID=-1A,RG=6Ω
RDS(On)
Static Drain-Source On-Resistance
Note:Pulse Test : Pulse Width ≤300μs, Duty Cycle≤2%
■
Marking
Marking
ZB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com