Electronic Components Datasheet Search
  English  ▼

X  

ETA1013 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1013
Description  12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1013 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1013 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1013
www.ETAsolution.com
Powering Minds of the Smarts
Proprietary Information DO NOT Distribute
1
12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
DESCRIPTION
The ETA1013 is a high efficiency step-up converter that is capable
of delivering up to 12W of output power. Its switching frequency
can be externally programmed up to 1MHz. Current mode control
makes it suitable with low ESR small ceramic output capacitor
and provides small output current. Capable of delivering up to
2.1A of output current at 5V output from input down to 3V, it is an
ideal solution for applications with Li-Ion batteries, such as
portable power banks.
ETA1013 is housed in an ESOP8 package.
APPLICATIONS
Portable Power Bank with large capacity
STB DVB-S LNB Power
Battery powered Hi-Fi Bluetooth Speakers
USB and Battery powered devices
FEATURES
12W Output Power
2.1A Output Current at 5V Output
Up to 93% efficiency
VIN range from 2.7V to 6V
Current Mode control
Cycle-by-Cycle Current Limit
UVLO and Thermal shutdown
ESOP8 Package
ORDERING INFORMATION
PART #
PACKAGE PIN
TOP MARK
ETA1013E8A-T ESOP8
ETA1013- ProductNumber
YWWPL- Date Code
TYPICAL APPLICATION
IN
GND
FB
SW
ETA1013
VIN
2.7V to 4.2V
10μF
22μH
1,4
8
9
7
VOUT
5V/2A
22μF
IPK
2
3
COMP
6
CCOMP
COSC
COUT
22pF
10nF
5.1K
CIN
RCOMP
*RIPK
33mΩ
5.1K
37.5K
OSC
NC 5
*Note: the 33mΩ RIPK can be replaced by a PMOSFET with similar on-resistance,
which serves as a switch to turn off the system to save standby current.
40%
50%
60%
70%
80%
90%
100%
0.1
1
IOUT (A)
Efficiency Vs IOUT
VIN=3.6V
VIN=4.2V
VOUT=5V


Similar Part No. - ETA1013

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
ETA1019 ETA-ETA1019 Datasheet
188Kb / 1P
Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
More results

Similar Description - ETA1013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763_11 Datasheet
660Kb / 16P
1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
logo
Monolithic Power System...
MP3414 MPS-MP3414 Datasheet
480Kb / 14P
1.8A,1MHz, Synchronous, Step-up Converter with Output Disconnect
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
EV3212DQ-00A MPS-EV3212DQ-00A Datasheet
166Kb / 4P
1.3A, 1MHz Micropower Step-Up Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1088 ETA-ETA1088 Datasheet
190Kb / 1P
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1089 ETA-ETA1089 Datasheet
189Kb / 1P
5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1090 ETA-ETA1090 Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1092 ETA-ETA1092 Datasheet
176Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1093 ETA-ETA1093 Datasheet
191Kb / 1P
1MHz, Forced-PWM, High Output current Synchronous Step-Up Converter
logo
Shenzhen Huazhimei Semi...
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
3.3V~5V Input 12W Output Step-up DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com