Electronic Components Datasheet Search
  English  ▼

X  

ETA1017 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1017
Description  10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1017 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1017 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1017
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
10μA IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
FEATURES
10μA No Load Supply Current
Low Vin Start-up Voltage down to 850mV
Capable of delivering 300mA IOUT at Vin=3.0V, V
out=3.3V
1MHz Switching Frequency
Input boost-strapping allows using small cap
Low Noise PWM control
Internally Compensated Current Mode Control
Internal Synchronous Rectifier
Logic Control Shutdown (IQ<1uA)
Available in SOT23-5
APPLICATIONS
DESCRIPTION
The ETA1017 is a step-up converter that provides a boosted
output voltage from a low voltage source. Because of its
proprietary design, it starts up at a very low input voltage
down to 850mV. Along with its 10uA ultra-low no load input
current, it is an ideal choice for single cell alkaline/NiMH
battery operations.
A switching frequency of 1MHz minimizes solution footprint
by allowing the use of tiny, low profile inductors and
ceramic capacitors. The current mode PWM design is
internally compensated, reducing external parts count.
ETA1017 is housed in a tiny SOT23-5 package.
Medical Instruments
Bluetooth Headsets
Flash-Based MP3 Players
Wireless Mice
One to Three Cell Battery Operated Devices
TYPICAL APPLICATION
OFF
ON
EN
G
FB
SW
OUT
ETA1017
VIN
0.85V to 4.5V
0.47μF
4.7μH
2
3
4
1
5
VOUT
4.7μF
5
7
9
11
13
15
17
19
21
23
25
1.8
2
2.2
2.4
2.6
2.8
3
VIN (V)
No Load IQ Vs VIN
VOUT=3.3V


Similar Part No. - ETA1017

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
ETA1013E8A-T ETA-ETA1013E8A-T Datasheet
212Kb / 1P
12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
ETA1019 ETA-ETA1019 Datasheet
188Kb / 1P
Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
More results

Similar Description - ETA1017

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708 Datasheet
184Kb / 8P
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8542B BELLING-BL8542B Datasheet
535Kb / 6P
0.85V startup, 1MHz, 300mA Iout, Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
ACE708C ACE-ACE708C Datasheet
946Kb / 8P
0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
ACE709G ACE-ACE709G Datasheet
687Kb / 11P
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8542C BELLING-BL8542C Datasheet
329Kb / 6P
Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
BL8536 BELLING-BL8536 Datasheet
781Kb / 6P
0.9V Startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1019 ETA-ETA1019 Datasheet
188Kb / 1P
Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
logo
AiT Semiconductor Inc.
A7534 AITSEMI-A7534 Datasheet
649Kb / 9P
DC-DC CONVERTER BOOST (STEP-UP) 0.9V STARTUP, 1MHz, 300mA IOUT, LOW IQ, SYNCHRONOUS
REV1.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com